Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 10Page - STMicroelectronics UM1871 Datasheet HTML 11Page - STMicroelectronics UM1871 Datasheet HTML 12Page - STMicroelectronics UM1871 Datasheet HTML 13Page - STMicroelectronics UM1871 Datasheet HTML 14Page - STMicroelectronics UM1871 Datasheet HTML 15Page - STMicroelectronics UM1871 Datasheet HTML 16Page - STMicroelectronics UM1871 Datasheet HTML 17Page - STMicroelectronics UM1871 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Hardware layout and configuration
UM1871
14/64
DocID027604 Rev 3
2.4
Reset source
The reset signal of STM32446E-EVAL evaluation board is low active and the reset sources
include:
•
Reset button B1
•
DB_Connectors from CN13 pin 13
•
Embedded ST-LINK/V2-1
•
RS232 connector CN25 pin 8 (CTS) for ISP
Note:
The jumper JP5 should be set to control RESET by pin8 of RS232 connector CN25 (CTS
signal).
Table 2. 32 KHz crystal Y2 related solder bridges
Solder bridge
Description
SB108
PC14 is connected to 32KHz crystal when SB108 is open (default setting).
PC14 is connected to DB_CONNECTOR CN13 when SB108 is closed. In such case
SB43 must be removed to avoid disturbance due to the 32 KHz quartz.
SB107
PC15 is connected to 32KHz crystal when SB107 is open (default setting).
PC15 is connected to extension connector CN13 when SB107 is closed. In such
case SB56 must be removed to avoid disturbance due to the 32 KHz quartz.
Table 3. 8 MHz crystal Y4 related solder bridges
Solder bridge
Description
SB106
PH0 is connected to 8 MHz crystal when SB106 is open (default setting).
PH0 is connected to extension connector CN13 when SB106 is closed. In such case
SB69 must be removed to avoid disturbance due to the 32 KHz quartz.
SB105
PH1 is connected to 8 MHz crystal when SB105 is open (default setting).
PH1 is connected to extension connector CN26 when SB105 is closed. In such case
SB70 must be removed to avoid disturbance due to the 8 MHz quartz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com