Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 12Page - STMicroelectronics UM1871 Datasheet HTML 13Page - STMicroelectronics UM1871 Datasheet HTML 14Page - STMicroelectronics UM1871 Datasheet HTML 15Page - STMicroelectronics UM1871 Datasheet HTML 16Page - STMicroelectronics UM1871 Datasheet HTML 17Page - STMicroelectronics UM1871 Datasheet HTML 18Page - STMicroelectronics UM1871 Datasheet HTML 19Page - STMicroelectronics UM1871 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
Hardware layout and configuration
UM1871
16/64
DocID027604 Rev 3
2.6
Audio
An audio codec WM8994ECS/R with 4 DACs and 2 ADCs inside, is connected to SAI
interface of STM32F446ZE, to support TDM feature on SAI port. This feature is able to
implement audio recording on digital microphone and analog microphone and audio
playback of different audio stream on headphones.
It communicates with STM32F446ZE via I2C4 bus which is shared with camera module,
RF-EEPROM and MFX (Multi Function eXpander).
The analog microphone on the headset is connected to ADC of WM8994ECS/R through
audio jack CN22. External speakers can be connected to WM8994ECS/R via audio jack
CN23.
Two digital microphones (MEMS microphone) MP34DT01TR are on STM32446E-EVAL
evaluation board. They can be connected either to audio codec or I2S port of STM32F446,
by setting jumpers as shown in Table 6: Audio related jumpers. The coupon connectors
CN26 and CN27 can be used to support MEMS microphone evaluation board STEVAL-
MKI129V1, after removing SB1 and SB133.
An optical connector CN2 is implemented on STM32446E-EVAL, to receive external audio
data which is compatible with SPDIF spec.
Table 6. Audio related jumpers
Jumper
Description
JP20
Data signal on digital microphone is connected to audio codec when JP20 is set as
shown on the right (default setting):
Data signal on digital microphone is connected to I2S port of STM32F446ZE when
JP20 is set as shown on the right:
JP19
Clock signal on digital microphone is connected to audio codec when JP19 is set as
shown on the right (default setting):
Clock signal on digital microphone is connected to Timer4 output (PD13) of
STM32F446ZE, used to divide by 2 the I2S3_CK, when JP19 is set, as shown on
the right (it is also needed to close SB23 and SB24 to use Timer 4 to manage
I2S3_CK):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com