Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 16Page - STMicroelectronics UM1871 Datasheet HTML 17Page - STMicroelectronics UM1871 Datasheet HTML 18Page - STMicroelectronics UM1871 Datasheet HTML 19Page - STMicroelectronics UM1871 Datasheet HTML 20Page - STMicroelectronics UM1871 Datasheet HTML 21Page - STMicroelectronics UM1871 Datasheet HTML 22Page - STMicroelectronics UM1871 Datasheet HTML 23Page - STMicroelectronics UM1871 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
Hardware layout and configuration
UM1871
20/64
DocID027604 Rev 3
2.10
MicroSD card
The 4GB (or more) microSD card is connected to SDIO interface of STM32F446ZET6.
MicroSD card detection is managed by MFX_IO15, configured with internal pull-up. The
following solder bridges are closed to support microSD card by default: SB26, SB27, SB28,
SB29, SB30, SB47.
2.11
Potentiometer
A 10 KΩ potentiometer P2 is connected to PA4 of the STM32F446ZET6 on the board.
The following solder bridges must be closed to connect potentiometer to PA4: SB91, SB92,
SB94, SB103. The potentiometer is not connected by default to PA4, since SB94, that is
marked in red in Figure 5, is opened to support camera interface by default.
A low pass filter can be implemented, by replacing SB92 and C86 with the right value of
resistor and capacitor, as requested by the end user’s application.
Figure 5. Solder bridge to be added on bottom side for motor control
JP6
RS232_TX input of RS232 transceiver is connected to PA9 (USART1_TX in
conjunction with JP7) when JP6 is set as shown below (default setting):
RS232_TX from ST-LINK is connected to PA9 (USART1_TX in conjunction with
JP7) to support virtual com port when JP6 is set as shown below:
Table 8. RS232 and IrDA related jumpers (continued)
Jumper
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com