Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 24Page - STMicroelectronics UM1871 Datasheet HTML 25Page - STMicroelectronics UM1871 Datasheet HTML 26Page - STMicroelectronics UM1871 Datasheet HTML 27Page - STMicroelectronics UM1871 Datasheet HTML 28Page - STMicroelectronics UM1871 Datasheet HTML 29Page - STMicroelectronics UM1871 Datasheet HTML 30Page - STMicroelectronics UM1871 Datasheet HTML 31Page - STMicroelectronics UM1871 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
Connectors
UM1871
28/64
DocID027604 Rev 3
3.3
FMC connectors CN11 and CN12
7
RF_TIM2_CH1/2_ETR
16
RF_SAI1_SD_B
8
RF_TIM2_CH2
17
+5V
9
RESET#
18
+3V3
Table 14. RF connector CN7 (continued)
Pin number
Signal name
Pin number
Signal name
Table 15. FMC connectors CN11
Pin number
Pin name
Signal name
1GND
GND
2+3V3
+3V3
3PD14
FMC_D0
4PD15
FMC_D1
5
PF4
FMC_D2
6
PD1
FMC_D3
7GND
GND
8GND
GND
9
PE7
FMC_D4
10
PE8
FMC_D5
11
PE9
FMC_D6
12
PE10
FMC_D7
13
PG6
QSPI_BK1_NCS
14
PF6
QSPI_BK1_IO3
15
PF9
QSPI_BK1_IO1
16
PD3
QSPI_CLK
17
PF7
QSPI_BK1_IO2
18
PF8
QSPI_BK1_IO0
19
PA7
FMC_SDNWE
20
PE0
FMC_NBL0
21
PF11
FMC_SDNRAS
22
PG15
FMC_SDNCAS
23
PG4
FMC_BA0
24
PC4
FMC_SDNE0
25
PG0
FMC_A10
26
PG5
FMC_BA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com