Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 59 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 55Page - STMicroelectronics UM1871 Datasheet HTML 56Page - STMicroelectronics UM1871 Datasheet HTML 57Page - STMicroelectronics UM1871 Datasheet HTML 58Page - STMicroelectronics UM1871 Datasheet HTML 59Page - STMicroelectronics UM1871 Datasheet HTML 60Page - STMicroelectronics UM1871 Datasheet HTML 61Page - STMicroelectronics UM1871 Datasheet HTML 62Page - STMicroelectronics UM1871 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
Figure 32. Camera module
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
C.1
Date:
1/27/2015
MB1183
1
1
MB1183 Camera Module
+2V8
+2V8
C8
100nF
C7
100nF
C5
100nF
C6
100nF
+1V8
PAR_D0
PAR_D2
PAR_D4
PAR_D6
PAR_D1
PAR_D3
PAR_D5
PAR_D7
Camera Connector
EXTCLK
SCL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
CN2
FTMH-120-03-L-DV-ES
Camera_RST
STANDBY
SDA
PAR_D[0..7]
PAR_HSYNC
PAR_PCLK
PAR_VSYNC
EN
1
GND
2
OUT
3
VCC
4
U1
SM7745HEW-24.0M
+2V8
R1
10K
R6
10K[N/A]
R9
22K
+2V8
R7
[N/A]
R4
0
Camera_CLK
EXTCLK
R5
0
D1
BAT60JFILM
supply voltage: 2.5V+/-10%
BAT60 VF: 0.28@10mA
0.35@100mA
default system clock using
clock from mother board.
C4
100nF
AGND
1
NC
16
AVDD(2.8V)
4
SDA
20
RESET
22
VSYNC
23
PWDN
24
HSYNC
25
DVDD(1.8V)
6
DOVDD(2.8V)
8
D7
7
MCLK
12
D6
9
DGND
27
D5
11
PCLK
29
D4
13
D8
5
D3
15
D9
3
D2
17
SCL
18
NC
10
NC
30
NC
28
D1
19
D0
21
NC
2
FLASH
14
SHUTTER
26
CN1
AXE530124
PAR_D[0..7]
Camera_CLK
R8
[N/A]
SCL
SDA
PAR_HSYNC
PAR_VSYNC
PAR_PCLK
Camera_RST_S5K
PAR_D0
PAR_D1
PAR_D2
PAR_D3
PAR_D4
PAR_D5
PAR_D6
PAR_D7
STANDBY
R3
[N/A]
R2
[N/A]
+2V8
C3
100nF
C1
100nF
C2
100nF
+2V8
+1V8
+2V8
Camera Module :U866_3M_FF
SENSOR: S5K5CAGA
SHUTTER
SHUTTER
FLASH
FLASH
R10
[N/A]
+2V8
R11
[N/A]
+2V8
R14
10K
R13
2K
C9
470nF[N/A]
+2V8
Camera_RST
Camera_RST_S5K
R12
0
when mounted on big manta
board(MB10450), please soldered R6
10K and C9 470nF, removed R14 and
changed R13 with 0 ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com