Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 25Page - STMicroelectronics UM1871 Datasheet HTML 26Page - STMicroelectronics UM1871 Datasheet HTML 27Page - STMicroelectronics UM1871 Datasheet HTML 28Page - STMicroelectronics UM1871 Datasheet HTML 29Page - STMicroelectronics UM1871 Datasheet HTML 30Page - STMicroelectronics UM1871 Datasheet HTML 31Page - STMicroelectronics UM1871 Datasheet HTML 32Page - STMicroelectronics UM1871 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
DocID027604 Rev 3
29/64
UM1871
Connectors
63
27
PF1
FMC_A1
28
PF0
FMC_A0
29
PF3
FMC_A3
30
PF2
FMC_A2
31
GND
GND
32
+5V
+5V
Table 16. FMC Connectors CN12
Pin number
Pin name
Signal name
1GND
GND
2+3V3
+3V3
3GND
GND
4
PD5
FMC_NWE
5GND
GND
6
PD4
FMC_NOE
7D5V
D5V
8GND
GND
9
PD9
FMC_D14
10
PD10
FMC_D15
11
PE15
FMC_D12
12
PD8
FMC_D13
13
PE13
FMC_D10
14
PE14
FMC_D11
15
PE11
FMC_D8
16
PE12
FMC_D9
17
GND
GND
18
GND
GND
19
PE1
FMC_NBL1
20
PD7
FMC_NE1
21
PC5
FMC_SDCKE0
22
PG8
FMC_SDCLK
23
PG1
FMC_A11
24
PG2
FMC_A12
25
PF15
FMC_A9
26
PF14
FMC_A8
Table 15. FMC connectors CN11 (continued)
Pin number
Pin name
Signal name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com