Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 8Page - STMicroelectronics UM1871 Datasheet HTML 9Page - STMicroelectronics UM1871 Datasheet HTML 10Page - STMicroelectronics UM1871 Datasheet HTML 11Page - STMicroelectronics UM1871 Datasheet HTML 12Page - STMicroelectronics UM1871 Datasheet HTML 13Page - STMicroelectronics UM1871 Datasheet HTML 14Page - STMicroelectronics UM1871 Datasheet HTML 15Page - STMicroelectronics UM1871 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
Hardware layout and configuration
UM1871
12/64
DocID027604 Rev 3
Note:
LED LD8 is lit when the STM32446E-EVAL evaluation board is powered by 5 V correctly.
JP21
To select daughterboard connector (CN10 and CN12) power supply, set JP21 on
D5V as shown:
To select USB-OTG FS (CN9) power supply, set JP21 on FS as shown:
To select USB-OTG HS (CN8) power supply, set JP21 on HS as shown:
To select power supply jack (CN20) power supply to both STM32446E-EVAL and
daughterboard connected on CN10 and CN13, set JP21 on PSU and D5V as shown
(daughterboard must not have its own power supply connected):
JP9
To connect MCU Vbat to 3.3 V power, set JP9 as shown (default setting):
To connect MCU Vbat to the battery, set JP9 as shown:
Table 1. Power related jumpers and solder bridges (continued)
Jumper
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com