Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 3Page - STMicroelectronics UM1871 Datasheet HTML 4Page - STMicroelectronics UM1871 Datasheet HTML 5Page - STMicroelectronics UM1871 Datasheet HTML 6Page - STMicroelectronics UM1871 Datasheet HTML 7Page - STMicroelectronics UM1871 Datasheet HTML 8Page - STMicroelectronics UM1871 Datasheet HTML 9Page - STMicroelectronics UM1871 Datasheet HTML 10Page - STMicroelectronics UM1871 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
DocID027604 Rev 3
7/64
UM1871
Overview
63
1.2
Demonstration software
Demonstration software is preloaded in the Flash memory of the board for easy
demonstration of the device peripherals in stand-alone mode. For more information and to
download the latest version available, refer to the STM32446E-EVAL demonstration
software at www.st.com.
1.3
Order code
To order the evaluation board based on STM32F446ZE MCU, use the order code
STM32446E-EVAL.
1.4
Delivery recommendations
Before using the board for the first time, verify that nothing was damaged during shipment
and that no components are unplugged or lost. When the board is extracted from its plastic
bag, it must be checked that no component remains in the bag.
The main components to verify are:
1.
The microSD card which may have been ejected from the CN4 connector (top left
corner of the board).
2.
The dual-interface EEPROM board (ANT7-M24LR-A) which may have been unplugged
from the CN1 connector (top left corner of the board).
Note:1
The plastic protection on the camera should be removed carefully as the connection is very
fragile.
Note:2
For all information concerning the version of the MCU used on the board, its specification
and possible related limitations, visit the ST web site (www.st.com) to download relevant
datasheet and errata sheet.
Warning:
Warning: There is an explosion risk if the battery is replaced
by an incorrect one. Make sure to dispose of used batteries
according to the instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com