Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 26Page - STMicroelectronics UM1871 Datasheet HTML 27Page - STMicroelectronics UM1871 Datasheet HTML 28Page - STMicroelectronics UM1871 Datasheet HTML 29Page - STMicroelectronics UM1871 Datasheet HTML 30Page - STMicroelectronics UM1871 Datasheet HTML 31Page - STMicroelectronics UM1871 Datasheet HTML 32Page - STMicroelectronics UM1871 Datasheet HTML 33Page - STMicroelectronics UM1871 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Connectors
UM1871
30/64
DocID027604 Rev 3
3.4
Daughterboard connector CN13 and CN10
27
PF13
FMC_A7
28
PF12
FMC_A6
29
PF5
FMC_A5
30
PF4
FMC_A4
31
GND
GND
32
+5V
+5V
Table 16. FMC Connectors CN12 (continued)
Pin number
Pin name
Signal name
Table 17. Daughterboard connector CN13
Pin number
Signal name
Pin number
Signal name
1GND
17
PC2
2
+3V3
18
PB1
3
PC13_ANTI_TAMP
19
VBAT
4
PA2
20
PB10
5
PC14_OSC32_IN
21
+5V
6
PA3
22
E5V
7
PC15_OSC32_OUT
23
GND
8
PA4
24
PB11
9
PH0_OSC_IN
25
PC3
10
PA6
26
PB12
11
PH1_OSC_OUT
27
PAO_WKUP
12
PA5
28
PB13
13
NRST
29
PA1
14
GND
30
PD11
15
PC0
31
+3V3
16
PB0
32
GND
Table 18. Daughterboard connector CN10
Pin number
Signal name
Pin number
Signal name
1
D5V
17
PA11
2
+3V3
18
PB9
3PD12
19
PA12
4GND
20
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com