Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 42Page - STMicroelectronics UM1871 Datasheet HTML 43Page - STMicroelectronics UM1871 Datasheet HTML 44Page - STMicroelectronics UM1871 Datasheet HTML 45Page - STMicroelectronics UM1871 Datasheet HTML 46Page - STMicroelectronics UM1871 Datasheet HTML 47Page - STMicroelectronics UM1871 Datasheet HTML 48Page - STMicroelectronics UM1871 Datasheet HTML 49Page - STMicroelectronics UM1871 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
Figure 19. ST-LINK/V2-1
life.augmented
Size:A3
Date:
Project:
Title:
Reference:
Revision:
Sheet:
of
TRST
STM_JTMS_SWDIO
STL_USB_DP
STL_USB_DM
JTDO/SWO
JTCK/SWCLK
LED_STLINK
JTDI
LED_STLINK
USB_RENUMn
USB_RENUMn
JTCK/SWCLK
RESET#
ST_Link_TX
ST_Link_RX
STL_USB_DM
STM_JTCK_SWCLK
JTMS/SWDIO
JTDO/SWO
STM_JTCK_SWCLK
STL_USB_DP
STM_JTMS_SWDIO
+3V3_ST_LINK
VBUS_STLINK
+3V3_ST_LINK
VBUS_STLINK
VBUS_STLINK
U5V
VBUS_FS
D5V
+3V3_ST_LINK
+3V3
+3V3_ST_LINK
VBUS_STLINK
VBUS_HS
+3V3_ST_LINK
+5V
VBUS_STLINK
+3V3_ST_LINK
+3V3_ST_LINK
+3V3_ST_LINK
+3V3_ST_LINK
+3V3_ST_LINK
+3V3_ST_LINK
+3V3_ST_LINK
E5V
D14
BAT60JFILM
.
Y5
8MHz
.
VIN
GND
INHIBIT
BYPASS
VOUT
VIN
GND
INHIBIT
BYPASS
VOUT
U16
LD3985M33R
1
2
JP11
AF1-D-02-T/G
.
C93
100nF
.
D10
BAT60JFILM
.
D7
BAT60JFILM
.
R117
2.7K
D13
BAT60JFILM
.
1
2
3
4
LD9
HSMF-A201-A00J1
R118
2.7K
.
C69
1uF
.
D11
BAT60JFILM
.
1
2
3
4
5
6
CN16
67068-0000
.
1
2
JP10
AF1-D-02-T/G
R113
1K
TP15
5001
R106
10K
.
R100
100R
.
R116
100R
R103
4.7K
C95
100nF
.
R115
4.7K
R104
100K
.
R114
100K
R105
4.7K
R102
1.5K
1
2
JP18
AF1-D-02-T/G
.
R112
100K
.
R101
100R
.
E
B
C
T6
MMBT9013
R121
36K
.
1
2
3
4
5
6
7
8
GND
FAULT
SET
ON
IN
OUT
OUT
IN
U11
ST890CDR
1
3
5
2
4
CN18
AF2-D-06-G
.
VDD2
OSC32OUT
OSC32IN
VSS2
PB13
PB14
VDDA
NRST
STM_RST
VSSA
PB12
PA0_WKUP
OSCIN
OSCIN
OSCOUT
OSC_OUT
PA8
MCO
PA1
PC13_RTC
PA9
PA11
PA2
PB15
PWR_ENn
PA12
PA10
PA13
VBAT
U12
STM32F103CBT6
.
SB4
CLOSE 0R
SB2
CLOSE 0R
SB10
OPEN
D12
BAT60JFILM
.
C70
100nF
.
C99
100nF
.
C94
100nF
.
C101
100nF
.
R110
10K
.
R111
10K
.
C88
4.7uF
.
C45
100nF
.
C100
100nF
.
C46
20pF
.
C68
10nF
.
C92
1uF
.
C47
20pF
.
LD11
19-213-R6C-AP1Q2B-3T
R171
100K
.
1
30
29
HC-49XA-C20QQA-8.000MHz
POWER
28
27
SSL8000012AFDHF0-SJ28
COM
SWD
26
NOT FITTED
5
3
4
NOT FITTED
11
2
T_JTMS
T_JTCK
T_SWDIO_IN
25
6
17
12
10
8
7
6
5
4
3
2
TX
9
STM32446E-EVAL
ST_LINK/V2-1
1
RX
USB
RED
35
USB STLINK
T_SWO
31
32
33
34
36
11/03/15
B-02
MB1162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com