Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 56 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 52Page - STMicroelectronics UM1871 Datasheet HTML 53Page - STMicroelectronics UM1871 Datasheet HTML 54Page - STMicroelectronics UM1871 Datasheet HTML 55Page - STMicroelectronics UM1871 Datasheet HTML 56Page - STMicroelectronics UM1871 Datasheet HTML 57Page - STMicroelectronics UM1871 Datasheet HTML 58Page - STMicroelectronics UM1871 Datasheet HTML 59Page - STMicroelectronics UM1871 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
Figure 29. Connectors
life.augmented
Size:A3
Date:
Project:
Title:
Reference:
Revision:
Sheet:
of
PC15_OSC32_OUT
RF_ADCb_12_IN5
RF_TIM2_CH1/2_ETR
PH0_OSC_IN
PA6
RESET#
PA3
PB9
PG10
RF_USART6_CK
PD13
PA11
PA12
PB3
NRST
PD12
PC3
PA1
PG3
RF_ADCa_123_IN3
PB12
PC0
PB11
PB10
PB0
BOOT0
PA5
PB4
PH1_OSC_OUT
PAO_WKUP
VBAT
PA2
PG11
PA4
PC6
PA9
PB13
PA10
PB7
PC14_OSC32_IN
PC1
PC2
PB5
PB8
PG9
PC13_ANTI_TAMP
SDCARD_D0
RF_SAI1_FS_A
RF_SAI1_MCLK_A
RF_SPI2_CS
SDCARD_D1
RF_SPI2_MISO
RF_SAI1_SCK_A
RF_SAI1_SD_A
SDCARD_D3
SDCARD_CK
SDCARD_CMD
RF_INT1
I2C4_SCL
RF_SPI2_MOSI/2_SD
SDCARD_D2
RF_SPI2_SCK/2_CK
I2C4_SDA
RF_USART6_TX
RF_USART6_CTS
RF_INT2
RF_USART6_RTS
RF_USART6_RX
RF_TIM2_CH2
RF_SAI1_SD_B
PA13
PD11
PB1
PA14
PA15
+3V3
+5V
+3V3
+3V3
RF_VDDA
+3V3
+3V3
E5V
RF_VDDA
D5V
SB105
OPEN
SB106
OPEN
C21
100nF
SB108
OPEN
SB107
OPEN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
CN7
TSW-109-08-G-D
C20
4.7uF
.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
CN10
TSW-116-06-G-D
.
FL1
FCM1608KF-601T03
.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
CN6
TSW-110-08-G-D
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
CN13
TSW-116-06-G-D
.
PC7
PE3
PC9
PG13
PB9
PE6
PA3
PC8
PG12
PD13
PD6
PD2
17
STM32446E-EVAL
PE2
16
PD12
PA8
PE5
PB14
PB15
PE4
PF10
PC10
PC12
11/03/15
B-02
PC11
MB1162
PG7
PG14
PB8
CONNECTORS
PA5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com