Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 47 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 43Page - STMicroelectronics UM1871 Datasheet HTML 44Page - STMicroelectronics UM1871 Datasheet HTML 45Page - STMicroelectronics UM1871 Datasheet HTML 46Page - STMicroelectronics UM1871 Datasheet HTML 47Page - STMicroelectronics UM1871 Datasheet HTML 48Page - STMicroelectronics UM1871 Datasheet HTML 49Page - STMicroelectronics UM1871 Datasheet HTML 50Page - STMicroelectronics UM1871 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
Figure 20. MFX V3
life.augmented
Size:A3
Date:
Project:
Title:
Reference:
Revision:
Sheet:
of
RESET#
LD3
Touchscreen X+
Touchscreen Y-
Touchscreen Y+
Touchscreen X-
MFX_SWCLK
JOY_RIGHT
JOY_UP
MFX_IO12
JOY_SEL
JOY_DOWN
MFX_SWDIO
MFX_IO13
MFX_IO6
JOY_LEFT
MFX_IRQ_OUT
I2C4_SDA
EXT_RESET
MFX_IO10
MFX_WAKEUP
MFX_IO11
MFX_IO15
MFX_IO7
MFX_IO8
LD1
I2C4_SCL
+3V3
+3V3
+3V3
+3V3
+3V3
+3V3
+3V3
+3V3
C98
100nF
.
C104
100nF
.
LD1
19-21SYGC_S530-E2_TR8
C71
100nF
D15
BAT60JFILM
R139
10K
R138
680R
C114
100nF
.
LD2
19-217-S2C-AM2N2VY-3T
TP11
5001
TP18
5001
R136
390R
C72
100nF
.
TP10
5001
SB12
CLOSE 0R
1
3
5
2
4
CN19
AF2-D-06-G
.
TP14
5001
LD3
19-213-R6C-AP1Q2B-3T
R130
10K
.
TP13
5001
R127
47K
.
R128
510
NRST
IRQOUT
GPIO7
TP12
5001
GPIO2
IDD_SH0
GPIO4
BOOT0
aGPIO0
IDD_MEAS
SPARE
U13
aGPIO3
GPIO11
aGPIO6
USART_RX
GPIO3
GPIO8
aGPIO5
IDD_MCU
GPIO12
GPIO0
GPIO5
GPIO9
GPIO10
aGPIO1
GPIO14
aGPIO4
aGPIO7
GPIO1
GPIO6
USART_TX
GPIO15
aGPIO2
VLCD
STM32L152CCT6
SWLK
MFX_SWCLK
SWDIO
MFX_SWDIO
WAKEUP
I2C_ADDR
I2C_SDA
I2C_SCL
GPIO13
R124
680R
LD4
19-217_BHC-ZL1M2RY_3T
SB13
CLOSE 0R
R135
47K
.
C103
100nF
.
C80
1uF
.
SB40
CLOSE 0R
SB41
CLOSE 0R
R137
680R
L5
EXC-3BP121H
SB32
OPEN
PG3
OTG_FS_OverCurrent
RED
PD12
BLUE
30
8
ORANGE
[NA]
GREEN
one capacitor close to each MFX pins:
VDD,VDD_1,VDD_2,VDD_3
OTG_HS_OverCurrent
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
17
32
33
18
19
20
21
22
23
24
25
26
27
28
29
31
34
35
37
38
39
40
41
42
44
45
47
MFX_V3
48
43
PD13
XSDN
7
NC
SD_CARD_DETECT
AUDIO_INT
17
Camera_PLUG
STM32446E-EVAL
36
PA0
MFX_V3
RST1
OTG_FS_PowerSwitchOn
11/03/15
B-02
MB1162
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com