Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 43 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 39Page - STMicroelectronics UM1871 Datasheet HTML 40Page - STMicroelectronics UM1871 Datasheet HTML 41Page - STMicroelectronics UM1871 Datasheet HTML 42Page - STMicroelectronics UM1871 Datasheet HTML 43Page - STMicroelectronics UM1871 Datasheet HTML 44Page - STMicroelectronics UM1871 Datasheet HTML 45Page - STMicroelectronics UM1871 Datasheet HTML 46Page - STMicroelectronics UM1871 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Figure 16. Power
life.augmented
Size:A3
Date:
Project:
Title:
Reference:
Revision:
Sheet:
of
U5V
+1V8
VDD_MCU
VREF+
VDDA
+3V3
VDD_MCU
+5V
VDD_MCU
VREF+
VDDA
+5V
E5V
+5V
E5V
VDD_MCU
VDD_MCU
+2V8
D5V
+3V3
+3V3
VBUS_HS
VBUS_FS
3
1
2
4
VIN
GND
VOUT
REG3
LD1117S18TR
3
1
2
4
VIN
GND
VOUT
REG1
LD1086D2M33TR
C112
100nF
.
C126
100nF
.
C18
4.7uF
.
C124
100nF
.
TP19
5001
.
R107
120R
1
2
3
CN20
DC10B
.
C48
10uF
.
C49
10uF
.
C33
4.7uF
.
C122
100nF
.
1
2
3
VIN
GND
VOUT
D8
ZEN056V130A24LS
TP8
5001
.
D9
SMAJ5.0A-TR
.
LD8
19-213-R6C-AP1Q2B-3T
C50
10uF
.
TP17
5001
.
C127
100nF
.
C53
100nF
.
C27
1uF
.
PSG
B
CB
PSG
CB
B
CG
FL3
BNX002-01
.
C117
100nF
.
C113
100nF
.
C123
100nF
.
R108
150R
.
TP9
5001
.
P1
CR1220_HOLDER
C116
100nF
.
VDD_2
VDD_5
VDD1_USB33
VDD_3
VDD_8
VDD_6
VDD_7
VDD_1
VDD_4
VDD_10
VDD_11
VDD_12
VBAT
VBAT
VSS_11
VREF+
VSS_6
VSS_7
VDDA
VSS_8
VSS_4
VSS_9
VCAP_2
VSS_2
VSS_5
VCAP_1
VSS_10
VSSA
2
4
5
JP21
9
JP21
3
JP21
6
1
JP21
A2-10-BSE
.
7
JP21
10
8
R151
1K
.
TP16
5001
.
1
2
C54
220uF
.
C52
10uF
.
C51
100nF
.
C111
100nF
.
1
2
3
JP9
22-03-2031
.
1
2
JP12
AF1-D-02-T/G
.
C129
100nF
.
C128
100nF
.
C55
10uF
.
C121
100nF
.
.
C28
1uF
.
C19
2.2uF
.
C17
2.2uF
.
TP6
5001
.
3
1
2
4
VIN
GND
VOUT
REG2
LD1117STR
TP7
5001
.
EVAL_POWER
POWER MCU
POWER MCU
6
16
17
30
31
32
33
38
39
51
52
61
62
71
72
83
84
94
95
106
107
108
120
121
130
131
144
POWER MCU
RED
17
STM32446E-EVAL
3
STM32F446ZET6
U2
11/03/15
B-02
MB1162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com