Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 48 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 44Page - STMicroelectronics UM1871 Datasheet HTML 45Page - STMicroelectronics UM1871 Datasheet HTML 46Page - STMicroelectronics UM1871 Datasheet HTML 47Page - STMicroelectronics UM1871 Datasheet HTML 48Page - STMicroelectronics UM1871 Datasheet HTML 49Page - STMicroelectronics UM1871 Datasheet HTML 50Page - STMicroelectronics UM1871 Datasheet HTML 51Page - STMicroelectronics UM1871 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
Figure 21. Peripherals
life.augmented
Size:A3
Date:
Project:
Title:
Reference:
Revision:
Sheet:
of
JOY_SEL
JOY_UP
SDCARD_D2
SDCARD_D3
TAMPER_WKUP_KEY
JOY_DOWN
JOY_LEFT
JOY_RIGHT
SDCARD_D0
SDCARD_CMD
SDCARD_D1
SDCARD_CK
MFX_IO15
ADC12_IN4
+3V3
+3V3
+3V3
+3V3
+3V3
+3V3
1
3
2
P2
3386P-103
R150
100R
1
2
3
4
5
6
CENTER
4
3
UP
COMMON
1
RIGHT
DOWN
LEFT
6
B3
MT-008A
R143
10K
.
R148
220K
.
1
2
3
4
5
6
7
8
9
10
11
DAT2
CD/DAT3
CMD
VDD
CLK
GND
GND
VSS
DAT0
DAT1
SW2
SW1
GND
GND
CN4
PJS0008-2000-1
1
2
CN21
AF1-D-02-T/G
.
R144
10K
.
R149
330R
R8
47K
.
R145
47R
R132
10K
.
C130
100nF
.
R20
47K
.
R6
47K
.
R129
10K
.
R7
47K
.
1
2
3
4
B2
TD-0341
R131
10K
.
SB92
CLOSE 0R
SB91
CLOSE 0R
SB103
CLOSE 0R
R22
10K
.
R21
47K
.
C82
10nF
.
C84
10nF
.
C85
10nF
.
C86
.
OPEN
C87
OPEN
C81
10nF
.
C83
10nF
.
PD2
PC9
NC
PC8
PC11
CLOSE TO MCU ON PCB
WAKE_UP BUTTON
TWO PIN HEADER FOR EXTERNAL ANALOG INPUT / DAC OUTPUT
8
PERIPHERALS
PC12
17
STM32446E-EVAL
NC
SD_CARD_DETECT
ADC_potentiometer
MICRO SD CARD
NC
PC13-ANTI_TAMP
TO MFX
PA4
NC
NC
POTENTIOME
JOYSTICK
PC10
11/03/15
NC
NC
NOT FITTED
NOT FITTED
B-02
NC
NC
NC
MB1162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com