Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 9Page - STMicroelectronics UM1871 Datasheet HTML 10Page - STMicroelectronics UM1871 Datasheet HTML 11Page - STMicroelectronics UM1871 Datasheet HTML 12Page - STMicroelectronics UM1871 Datasheet HTML 13Page - STMicroelectronics UM1871 Datasheet HTML 14Page - STMicroelectronics UM1871 Datasheet HTML 15Page - STMicroelectronics UM1871 Datasheet HTML 16Page - STMicroelectronics UM1871 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
DocID027604 Rev 3
13/64
UM1871
Hardware layout and configuration
63
STM32446E-EVAL evaluation board can be powered from ST-LINK USB connector CN16
(U5V), but only ST-LINK part is powered before USB enumeration, because host PC only
provides 100 mA to the boards at that time. During the USB enumeration,
STM32446E-EVAL board asks for the 300 mA power to the Host PC. If the host is able to
provide the required power, the enumeration finishes by a “SetConfiguration” command and
then, the power transistor U11 (ST890) is switched ON, the red LED LD8 is turned ON, thus
STM32446E-EVAL board can consume maximum 300 mA current, but not more. If the host
is not able to provide such requested current, the enumeration fails, therefore the ST890
(U11) remains OFF and the 3.3 V part of the board will not be powered. As consequence,
the red LED LD8 remains turned OFF. In such case it is mandatory to use an external power
supply as extra power supply.
E5V (from PSU) or D5V can be used as external power supply, in case current consumption
of STM32446E-EVAL board exceeds the allowed current on USB. In this condition it is still
possible to use USB for communication for programming or debugging only, but it is
mandatory to power the board first using E5V or D5V, then connect the USB cable to the
PC. Proceeding in this way, ensures that the enumeration succeeds thanks to the external
power source.
The following power sequence procedure must be respected:
1.
Connect jumper JP21 for PSU or D5V side
2.
Check that JP18 is removed (PWR_EXT)
3.
Connect the external power source to CN20 (PSU) or D5V (daughterboard mounted)
4.
Check red LED LD8 is turned ON
5.
Connect the PC to USB connector CN16
If this order is not respected, the board may be powered by VBUS first, then E5V or D5V,
and the following risks may be encountered:
1.
If more than 300 mA current is needed by the board, the PC may be damaged or
current can be limited by PC. As a consequence the board is not powered correctly.
2.
300 mA will be requested at enumeration (since JP18 must be OFF), so there is risk
that request is rejected and enumeration does not succeed, if PC cannot provide such
current. Consequently the board is not powered (LED LD8 remains OFF).
Note:1
In case the board is powered by an USB charger, there is no USB enumeration, so the led
LD8 remains set to OFF permanently and the board is not powered. Only in this specific
case the jumper JP18 needs to be set to ON, to allow the board to be powered anyway.
Note:2
When the board is powered by ST-LINK, the current is limited by U11 and the LED LD11 is
turned ON in case of over current detection.
2.3
Clock source
Two clock sources are available on STM32446E-EVAL evaluation board for
STM32F446ZET6 and RTC embedded (see Table 2: 32 KHz crystal Y2 related solder
bridges and Table 3: 8 MHz crystal Y4 related solder bridges):
Y2, 32KHz crystal for embedded RTC
Y4, 8MHz crystal with socket for STM32F446ZET6 Microcontroller, Y3, 24MHz crystal
for USB OTG HS
Y5, 8MHz crystal for ST-LINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com