Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 37Page - STMicroelectronics UM1871 Datasheet HTML 38Page - STMicroelectronics UM1871 Datasheet HTML 39Page - STMicroelectronics UM1871 Datasheet HTML 40Page - STMicroelectronics UM1871 Datasheet HTML 41Page - STMicroelectronics UM1871 Datasheet HTML 42Page - STMicroelectronics UM1871 Datasheet HTML 43Page - STMicroelectronics UM1871 Datasheet HTML 44Page - STMicroelectronics UM1871 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Appendix B
Electrical schematics
Figure 14. MCU 1
life.augmented
Size:A3
Date:
Project:
Title:
Reference:
Revision:
Sheet:
of
D0
FMC_SDNE0
I2S3_SD
STOP_TIM8_BKIN
RF_ADCa_123_IN3
ULPI_CK
RF_ADCb_12_IN5
RF_SPI2_SCK/2_CK
USART1_TX
SAI2_MCLKB
USART1_RX
D8
MC_VH
D4
SDCARD_D0
D9
JTDO/SWO
MC_IndCurr
ULPI_NXT
VSYNC
D3
MC_EncA_CH2
ADC12_IN4
RF_TIM2_CH1/2_ETR
SDCARD_D2
RF_TIM2_CH2
D2
D7
FMC_SDNWE
MC_WH
JTCK/SWCLK
USB_FS_VBUS
FMC_SDCKE0
ULPI_D0
ULPI_D3
RESET#
MIC_TIM4_CH2
LD1
MC_PFCpwm
RF_INT1
MC_Vac
MC_PFC_Shutdown
CAN1_RX
LD3
ULPI_D1
USB_FS_DM
MC_PFCsync
ULPI_D5
JTMS/SWDIO
ULPI_D6
JTDI
USB_FS_DP
MC_EncIndex
D6
ULPI_D4
RF_USART6_RX
MC_CurrentIN3
SDCARD_D3
RF_SPI2_MISO
MC_CurrentIN2
MC_WL
D5
SAI2_SCKB
I2S3_CK
MC_UH
MC_UL
MC_EncA_CH1
SDCARD_CK
MC_Bus_Voltage
Bootloader_RESET
TRST
USB_FS_ID
MC_Heatsink
ULPI_D2
MIC_TIM4_CH1
CAN1_TX
PIXCLK
MC_VL
MC_CurrentIN1
ULPI_STP
ULPI_D7
TAMPER_WKUP_KEY
ULPI_DIR
D1
SDCARD_D1
HSYNC
MFX_IRQ_OUT
RF_SPI2_MOSI/2_SD
+3V3
+3V3
.
.
R63
33R
PC10
SB30
CLOSE 0R
SB64
OPEN
SB47
CLOSE 0R
.
PC11
SB29
CLOSE 0R
PC7
SB46
CLOSE 0R
SB48
OPEN
PB1
SB26
CLOSE 0R
SB43
CLOSE 0R
PB3
PB6
.
SB71
OPEN
1 2
JP5
AF1-D-02-T/G
SB50
SB101
CLOSE 0R
SB72
OPEN
PB8
SB19
OPEN
.
1
2
3
JP4
22-03-2031
SB74
OPEN
SB115
CLOSE 0R
.
.
SB109
CLOSE 0R
PB7
SB116
CLOSE 0R
SB38
CLOSE 0R
SB53
OPEN
R178
47K
.
SB39
OPEN
SB22
OPEN
SB113
CLOSE 0R
SB20
CLOSE 0R
.
SB21
CLOSE 0R
SB98
OPEN
D3
BAT60JFILM
.
PC13
PC13_ANTI_TAMP
PC4
PC4
PC1
PC1
PC0
1
2
3
JP22
22-03-2031
NRST
PB11
PB11
PB15
PB15
PC14
PC14_OSC32_IN
PB4
C91
100nF
PB13
PB13
PB8
PC11
PB12
PB12
PB7
PB5
PB5
PB9
PB9
PB10
PB10
PB14
PB14
PC12
.
PA6
PC12
SB28
CLOSE 0R
.
PC9
PC9
PB2
PB2
SB63
OPEN
PA5
PA5
PC10
R59
10K
.
.
SB85
CLOSE 0R
SB52
OPEN
PA6
R80
10K
SB110
CLOSE 0R
SB59
OPEN
SB31
CLOSE 0R
SB56
CLOSE 0R
SB73
OPEN
SB87
OPEN
1
2
3
4
JP7
.
AF2-D-06-G
SB79
CLOSE 0R
SB94
OPEN
C115
.
OPEN
PC0
SB112
CLOSE 0R
SB102
CLOSE 0R
SB11
CLOSE 0R
PC6
PC6
.
C110
OPEN
PB3
SB24
CLOSE 0R
SB78
CLOSE 0R
SB96
CLOSE 0R
SB111
CLOSE 0R
.
.
.
SB97
OPEN
SB83
CLOSE 0R
PB4
SB121
CLOSE 0R
.
1
2
Y2
ABS07-32.768K-T
SB58
OPEN
SB86
OPEN
PB6
SB128
CLOSE 0R
R64
33R
SB49
OPEN
.
SB99
OPEN
SB18
OPEN
PB1
SB100
CLOSE 0R
R62
33R
.
SB117
CLOSE 0R
SB84
CLOSE 0R
SB114
CLOSE 0R
PB0
PB0
PA15
PA15
PA10
PA10
PA7
PA7
PC8
PC8
PA13
PA13
PA12
PA12
PA4
PA4
PA1
PA1
PC15
PC15_OSC32_OUT
PDR_ON
PDR_ON
1
2
3
4
B1
TD-0341
.
PA0
PAO_WKUP
U2
PA9
PA9
PA8
PA8
PA11
PA11
PA2
PA2
PA3
PA3
PA14
PA14
.
PC3
PC3
PC5
PC5
PC2
PC2
PC7
76
137
139
69
46
70
43
73
74
136
96
110
109
34
35
37
40
41
42
100
101
102
103
104
105
48
97
CERAMIC CAPA (low esr)
113
134
140
25
36
17
OPEN
STM32446E-EVAL
MCU_1
STM32F446ZET6
1
75
47
133
135
11/03/15
NOT FITTED
NOT FITTED
List of changes between rev B-01 and B-02
- Y1 not fitted
- C110 & C115 not fitted
B-02
29
44
45
28
111
26
27
MB1162
143
112
8
7
99
9
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com