Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 17Page - STMicroelectronics UM1871 Datasheet HTML 18Page - STMicroelectronics UM1871 Datasheet HTML 19Page - STMicroelectronics UM1871 Datasheet HTML 20Page - STMicroelectronics UM1871 Datasheet HTML 21Page - STMicroelectronics UM1871 Datasheet HTML 22Page - STMicroelectronics UM1871 Datasheet HTML 23Page - STMicroelectronics UM1871 Datasheet HTML 24Page - STMicroelectronics UM1871 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
DocID027604 Rev 3
21/64
UM1871
Hardware layout and configuration
63
2.12
Analog input or output
The analog input or output connector CN21 can be connected to PA4 of STM32F446ZET6,
used as ADC or DAC analog IO.
Solder bridge SB91 must be opened and SB92, SB94, SB103 must be closed to connect
CN21 to PA4. CN21 is not connected by default to PA4, since SB94 is opened to support
camera interface by default.
In case CN21 is used as ADC, input low pass filter can be implemented by replacing SB92
and C86 with right value of resistor and capacitor, as requested by the end user’s
application. In case CN21 is used as DAC output, a low pass filter can be implemented by
replacing SB103 and C86 with the right value of resistor and capacitor, as requested by the
end user’s application.
2.13
CAN
STM32446E-EVAL evaluation board supports one channels of CAN2.0 A/B compliant CAN
bus communication based on 3.3 V CAN transceiver. The high-speed mode, standby mode
and slope control mode are available and can be selected by setting JP2.
SB19, marked in red in Figure 6, must be closed to connect CAN1_RX to PB8. CAN1_RX is
not connected by default to PB8, since SB19 is open to support camera interface by default.
Figure 6. PCB underside rework for CAN
Table 9. CAN related jumpers
Jumper
Description
JP2
CAN transceiver is working in standby mode when JP2 is set as shown to the right:
CAN transceiver is working in high-speed mode when JP2 is set as shown to the
right (default setting):
1 2 3
1 2 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com