Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 18Page - STMicroelectronics UM1871 Datasheet HTML 19Page - STMicroelectronics UM1871 Datasheet HTML 20Page - STMicroelectronics UM1871 Datasheet HTML 21Page - STMicroelectronics UM1871 Datasheet HTML 22Page - STMicroelectronics UM1871 Datasheet HTML 23Page - STMicroelectronics UM1871 Datasheet HTML 24Page - STMicroelectronics UM1871 Datasheet HTML 25Page - STMicroelectronics UM1871 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
Hardware layout and configuration
UM1871
22/64
DocID027604 Rev 3
2.14
Memories
8M-Byte SDRAM is connected to SDRAM Bank1 of FMC interface of STM32F446ZE. All
signals for memory are also connected to extension connectors CN11 and CN12.
2.15
RF-EEPROM
An RF-EEPROM module ANT7-M24LR-A (MB1020A-02) is mounted on connector CN12
and connected to the common I2C4 bus of STM32F446ZET6. The I2C address of the
RF-EEPROM daughterboard is 0b1010000.
2.16
LCD display and input devices
The 3.2” TFT color LCD connected to FMC bus and four general purpose color LEDs (LD 1,
2, 3, 4) are available as display devices. A touchscreen, a 4-direction joystick with selection
key and wakeup/tamper button (B2) are available as input devices and connected to MFX.
JP2
CAN transceiver is working in slope control mode when JP2 is open.
JP1
CAN terminal resistor is enabled when JP1 is fitted. Default setting: Not fitted.
Table 9. CAN related jumpers (continued)
Jumper
Description
Table 10. LCD modules
Pin
Description
Pin connection
Pin
Description
Pin connection
3.2” TFT LCD connector CN17
1
CS
FMC_NE1
18
PD14
FMC_D12
2
RS
FMC_A0
19
PD15
FMC_D13
3
WR/SCL
FMC_NWE
20
PD16
FMC_D14
4
RD
FMC_NOE
21
PD17
FMC_D15
5
RESET
RESET#
22
BL_VND
GND
6
PD1
FMC_D0
23
BL_Control
VDD
7
PD2
FMC_D1
24
VDD
+3V3
8
PD3
FMC_D2
25
VCI
+3V3
9
PD4
FMC_D3
26
GND
GND
10
PD5
FMC_D4
27
GND
GND
11
PD6
FMC_D5
28
BL_VDD
VDD
12
PD7
FMC_D6
29
SDO
NC
13
PD8
FMC_D7
30
SDI
NC
14
PD10
FMC_D8
31
XL
Touchscreen X-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com