Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 29Page - STMicroelectronics UM1871 Datasheet HTML 30Page - STMicroelectronics UM1871 Datasheet HTML 31Page - STMicroelectronics UM1871 Datasheet HTML 32Page - STMicroelectronics UM1871 Datasheet HTML 33Page - STMicroelectronics UM1871 Datasheet HTML 34Page - STMicroelectronics UM1871 Datasheet HTML 35Page - STMicroelectronics UM1871 Datasheet HTML 36Page - STMicroelectronics UM1871 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
DocID027604 Rev 3
33/64
UM1871
Connectors
63
Figure 11. USB type B connector CN16
3.8
Audio jack CN22 and CN23
A 3.5mm Stereo audio jack CN22 and CN23 are connected to audio DAC and ADC is
available on STM32446E-EVAL board.
3.9
ST-LINK/V2-1 programming connector CN18
The connector CN18 is used only for embedded ST-LINK/V2-1 programming during board
manufacturing. It is not populated by default and not for end user.
3.10
Power connector CN20
STM32446E-EVAL evaluation board can be powered from a DC 5V power supply via the
external power supply jack (CN20) shown in Figure 10: RS232 connector CN25 (front view).
The central pin of CN20 must be positive.
Table 21. USB type B connector CN16
Pin number
Description
Pin number
Description
1
VBUS_STLINK (power)
4
GND
2
STL_USB_DM
5,6
Shield
3
STL_USB_DP
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com