Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 15Page - STMicroelectronics UM1871 Datasheet HTML 16Page - STMicroelectronics UM1871 Datasheet HTML 17Page - STMicroelectronics UM1871 Datasheet HTML 18Page - STMicroelectronics UM1871 Datasheet HTML 19Page - STMicroelectronics UM1871 Datasheet HTML 20Page - STMicroelectronics UM1871 Datasheet HTML 21Page - STMicroelectronics UM1871 Datasheet HTML 22Page - STMicroelectronics UM1871 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
DocID027604 Rev 3
19/64
UM1871
Hardware layout and configuration
63
2.8
USB OTG HS
STM32446E-EVAL evaluation board supports USB OTG high speed communication via a
USB Micro-AB connector (CN8) and USB HS PHY USB3300 (U4).The evaluation board can
be powered by this USB connector (CN8) at 5V DC with 500 mA current limitation. USB
power switch (U3) is connected on VBUS and provides power to CN8 (if SB131 is closed).
Green LED LD7 will be lit when either:
•
power switch (U3) is ON and STM32446E-EVAL works as a USB host
•
VBUS is powered by another USB host when STM32446E-EVAL works as an USB
device.
Red LED LD10 will be lit when over-current occurs.
JP22 should be configured as explained in Table 5: Boot0 and Boot1 related jumpers.
2.9
RS232 and IrDA
The RS232 transceiver U8 (with hardware flow control CTS and RTS) connected to D-type
9-pins RS232 connector CN25, and IrDA transceiver U10, are connected to USART1 of
STM32F446ZET6, which can be also shared with ST-LINK USART.
The signal Bootloader_RESET (shared with CTS signal) and Bootloader_BOOT0 (shared
with DSR signal) are added on RS232 connector CN8 for ISP support.
USART1 selection is done by setting JP6 and JP8, refer to Table 8: RS232 and IrDA related
jumpers for detail.
Table 8. RS232 and IrDA related jumpers
Jumper
Description
JP8
RS232_RX output of RS232 transceiver is connected to PA10 (USART1_RX in
conjunction with JP4), when JP8 is set as shown below (default setting):
IrDA_RX from IrDA transceiver is connected to PA10 (USART1_RX in conjunction
with JP4) when JP8 is set as shown below:
USART_TX from ST-LINK is connected to PA10 (USART1_RX in conjunction with
JP4) to support virtual com port when JP8 is set as shown below:
3
1
5
4
6
2
3
1
5
4
6
2
3
1
5
4
6
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com