Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 45Page - STMicroelectronics UM1871 Datasheet HTML 46Page - STMicroelectronics UM1871 Datasheet HTML 47Page - STMicroelectronics UM1871 Datasheet HTML 48Page - STMicroelectronics UM1871 Datasheet HTML 49Page - STMicroelectronics UM1871 Datasheet HTML 50Page - STMicroelectronics UM1871 Datasheet HTML 51Page - STMicroelectronics UM1871 Datasheet HTML 52Page - STMicroelectronics UM1871 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Figure 22. CAN, RS232 / IrDA
life.augmented
Size:A3
Date:
Project:
Title:
Reference:
Revision:
Sheet:
of
ST_Link_RX
Bootloader_RESET
Bootloader_BOOT0
ST_Link_TX
USART1_TX
USART1_RX
CAN1_RX
CAN1_TX
+3V3
+3V3
+3V3
+3V3
+3V3
+3V3
1
2
3
4
5
6
7
8
TxD
SD
RxD
GND
Anode(VCC2)
Cathode
VCC1
NC
U10
TFDU6300
C42
100nF
.
C41
100nF
.
1
CN24
LY-DR-M-001
.
2
1
3
5
2
4
6
JP8
AF2-D-06-G
.
R95
5.1R
.
10
3
TXD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
C2-
C2+
C1-
C1+
T1IN
R3IN
T1OUT
R1OUT
nEN
R4OUT
R5IN
T2IN
T3IN
R1OUTB
R1IN
VCC
R4IN
nSHDN
R3OUT
R2IN
R5OUT
R2OUT
R2OUTB
V-
T2OUT
T3OUT
V+
GND
U8
ST3241EBPR
C40
100nF
8
CTS
7
2
RXD
R99
47R
5
11
8
10
4
7
9
3
C44
4.7uF
.
C38
100nF
C37
100nF
11
4
9
R30
120R
.
C39
100nF
C89
100nF
.
6
DSR
1
CN25
LY-DR-M-001
.
C43
4.7uF
.
1
2
JP1
AF1-D-02-T/G
.
6
1
2
3
D1
ESDCAN24-2BLY
C90
100nF
R44
10K
1 2 3
RS232
JP6
22-03-2031
1
2
3
JP2
22-03-2031
.
1
2
3
4
5
6
7
8
Vcc
CANH
CANL
D
GND
R
NC
NC
U1
SN65HVD232D
.
SB7
CLOSE 0R
SB3
OPEN
5
PA10
CAN
PA9
PB9
RS232 CONNECTOR
DEFAULT SETTING : 1<->2
DEFAULT SETTING : OPEN
PB8
CAN / RS232_IRDA
17
STM32446E-EVAL
9
11/03/15
B-02
RS232 / IRDA
MB1162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com