Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 13Page - STMicroelectronics UM1871 Datasheet HTML 14Page - STMicroelectronics UM1871 Datasheet HTML 15Page - STMicroelectronics UM1871 Datasheet HTML 16Page - STMicroelectronics UM1871 Datasheet HTML 17Page - STMicroelectronics UM1871 Datasheet HTML 18Page - STMicroelectronics UM1871 Datasheet HTML 19Page - STMicroelectronics UM1871 Datasheet HTML 20Page - STMicroelectronics UM1871 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
DocID027604 Rev 3
17/64
UM1871
Hardware layout and configuration
63
Note:
I2C address of WM8994ECS/R is 0b0011010.
2.7
USB OTG FS
STM32446E-EVAL evaluation board supports USB OTG full speed communication via a
USB Micro-AB connector (CN9) and USB power switch (U6) connected to VBUS. The
evaluation board can be powered by this USB connector (JP21 in position FS) at 5 V DC
with 500 mA current limitation. A green LED LD5 will be lit in two conditions:
•
STM32446E-EVAL works as an USB host and power switch (U6) is ON
•
STM32446E-EVAL works as a USB device if VBUS is powered by another USB host
A red LED LD5 will be lit when over-current is detected by the power switch U6.
JP13
Digital microphone power source is connected to +3.3V power when JP13 is set as
shown to the right (default setting):
Digital microphone power source is connected to MICBIAS1 from WM8994ECS/R
when JP13 is set as shown to the right:
Table 6. Audio related jumpers (continued)
Jumper
Description
Table 7. USB_OTG_FS related jumpers
Jumper
Description
JP7
STM32F446 port PA9 is used as USART1_TX (in conjunction with JP6) when JP7 is
set as shown below (see Warning):
STM32F446 port PA9 is connected to USB_FS_VBUS when JP7 is set as shown
below (see Warning):
4
3
2
1
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com