Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1871 Datasheet(PDF) 53 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 49Page - STMicroelectronics UM1871 Datasheet HTML 50Page - STMicroelectronics UM1871 Datasheet HTML 51Page - STMicroelectronics UM1871 Datasheet HTML 52Page - STMicroelectronics UM1871 Datasheet HTML 53Page - STMicroelectronics UM1871 Datasheet HTML 54Page - STMicroelectronics UM1871 Datasheet HTML 55Page - STMicroelectronics UM1871 Datasheet HTML 56Page - STMicroelectronics UM1871 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
Figure 26. STM32446E-EVAL LCD
FMC_D4
FMC_D5
FMC_D6
FMC_D11
FMC_D8
FMC_D9
FMC_D7
FMC_D10
FMC_D13
FMC_D12
FMC_D15
FMC_D14
FMC_D2
FMC_D1
FMC_D0
FMC_D3
FMC_D[0-15]
life.augmented
Size:A3
Date:
Project:
Title:
Reference:
Revision:
Sheet:
of
FMC_NWE
RESET#
FMC_NOE
Touchscreen Y+
Touchscreen Y-
Touchscreen X-
Touchscreen X+
FMC_NE1
FMC_A0
+5V
+3V3
R160
150R
R153
150R
C138
100nF
.
R157
150R
R165
150R
R152
150R
R109
150R
R166
150R
R168
150R
L3
EXC-3BP121H
R156
150R
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
CN17
AF2-D-34-G
.
R161
150R
R154
150R
R167
150R
SB82
CLOSE 0R
R159
150R
R158
150R
R162
150R
R163
150R
L4
EXC-3BP121H
R155
150R
R169
150R
R164
150R
SB81
OPEN
C63
10uF
.
NRST
13
17
STM32446E-EVAL
EVAL_LCD
PD5
PF0
PD4
PD7
11/03/15
B-02
MB1162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com