Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 171Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 172Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 173Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 174Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 175Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 176Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 177Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 178Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 245 page
background image
ST7LITE49K2
On-chip peripherals
175/245
Data register high (ADCDRH)
Reset value: xxxx xxxx (xxh)
Bits 7:0 = D[9:2] MSB of Analog Converted Value
ADC control/data register low (ADCDRL)
Reset value: 0000 00xx (0xh)
Bits 7:5 = Reserved. Forced by hardware to 0.
Bit 4 = AMPCAL Amplifier calibration bit
This bit is set and cleared by software. It is advised to use this bit to calibrate the ADC
when amplifier is ON. Setting this bit internally connects amplifier input to 0V. Hence,
corresponding ADC output can be used in software to eliminate amplifier-offset error.
0: Calibration off
1: Calibration on (The input voltage of the amplifier is set to 0V)
Bit 3 = SLOW Slow mode bit
This bit is set and cleared by software. It is used together with the SPEED bit in the
ADCCSR register to configure the ADC clock speed as shown on the table below.
Bit 2 = AMPSEL Amplifier selection bit
This bit is set and cleared by software.
0: Amplifier is not selected
1: Amplifier is selected
Note:
When AMPSEL=1 it is mandatory that fADC be less than or equal to 2 MHz.
Bits 1:0 = D[1:0] LSB of analog converted value
7
0
D9
D8
D7
D6
D5
D4
D3
D2
Read only
7
0
0
0
0
AMPCAL
SLOW
AMPSEL
D1
D0
Read/write
Table 56.
Configuring the ADC clock speed
fADC
(1)
1.
The maximum allowed value of fADC is 4 MHz (see Section 13.11 on page 226)
SLOW
SPEED
fCPU/2
0
0
fCPU
01
fCPU/4
1
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com