Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 179 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 179 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 175Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 176Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 177Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 178Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 179Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 180Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 181Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 182Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 245 page
background image
ST7LITE49K2
On-chip peripherals
179/245
Figure 82.
Analog comparator
11.8.4
Register description
Internal voltage reference register (VREFCR)
Reset Value: 0000 0000 (00h)
Bit 7 = VCEXT External voltage reference for comparators
This bit is set or cleared by software. It is used to connect the external reference voltage to
the VN comparator inputs.
0: External reference voltage not connected to VN
1: External reference voltage connected to VN
Bit 6 = VCBGR Bandgap voltage for comparators
This bit is set or cleared by software. It is used to connect the bandgap voltage of 1.2V to the
VN comparator inputs.
0: Bandgap voltage not connected to VN
1: Bandgap voltage connected to VN
Bits 5:2 = VR[3:0] Programmable internal voltage reference range selection
These bits are set or cleared by software. They are used to select one of 16 different
voltages available from the internal voltage reference module and connect it to the VN
comparator inputs.
Refer to Table 59.
CMPON
COUT
CMP
CMPIE
CMPIF
CINV
CHYST
0
CMPxCR
Rising Edge
Falling Edge
Comparator Interrupt
COMPOUTx
+
-
CINV
Comparator
0
1
CMPx
COMPx
7
0
VCEXT
VCBGR
VR3
VR2
VR1
VR0
VCEXTB
-
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com