Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 178 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 178 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 174Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 175Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 176Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 177Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 178Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 179Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 180Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 181Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 245 page
background image
On-chip peripherals
ST7LITE49K2
178/245
11.8.3
Functional description
To make an analog comparison, the CMPON bit in the CMPxCR register must be set to
power-on the comparator and internal voltage reference module.
The VP comparator A input is mapped on PC6 and the VP comparator B input is mapped on
PC5. The VN comparator A input is mapped on PA0 and the VN comparator B input is
mapped on PC4.
The internal voltage reference can provide a range of different voltages to the comparator
VN input, selected by several bits in the VREFCR register, as described in Table 59 on
page 180.
The comparator A output is connected to pin PC7 and the comparator B output is connected
to pin PB5 when the COUT bit in the CMPxCR register is set.
The comparator output is also connected internally to the break function of the 12-bit
Autoreload Timer (refer to Section 11.2: Dual 12-bit autoreload timer on page 84)
When the Comparator is OFF, the output value of comparator is ‘1’.
Important note: To avoid spurious toggling of the output of the comparator due to noise on
the voltage reference, it is recommended to enable the hysteresis through the CHYST bit in
the CMPxCR register.
Figure 81.
Analog comparator and internal voltage reference
COMPINA-
COMPINA+
COMPA
+
-
VCBGR bit
VR[3:0] bits
1.2V Bandgap
to 12-bit
Break 1 input
Comparator
Voltage Reference
VCEXT bit
4
VN
VP
Autoreload Timer
COMPINB+
COMPINB-
+
-
Comparator
VN
VP
VCEXTB bit
COMPB
Break 2 input
to 12-bit Autoreload Timer
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com