Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 173Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 174Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 175Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 176Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 177Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 178Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 179Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 180Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 245 page
background image
ST7LITE49K2
On-chip peripherals
177/245
11.8
Analog comparator (CMP)
11.8.1
Introduction
The CMP block consists of two analog comparators (CMPA and CMPB) and an internal
voltage reference. The voltage reference can be external or internal, selectable under
program control. The comparator input pins COMPIN+ and COMPIN- are also connected to
the A/D converter (ADC).
11.8.2
Main features
On-chip analog comparators
The analog comparator compares the voltage at two input pins COMPIN+ and COMPIN-
which are connected to VP and VN at the comparator input. When the analog input at
COMPIN+ is less than the analog input at COMPIN-, the output of the comparator is 0.
When the analog input at COMPIN+ is greater than the analog input at COMPIN-, the output
of the comparator is 1.
The result of the comparison as 0 or 1 at COMPOUT is shown in Figure 82 on page 179.
Note:
To obtain a stable result, the comparator requires a stabilization time of 500 ns. Please refer
to Section 13: Electrical characteristics on page 192.
Table 58.
Comparison result
Programmable external/internal voltage reference
The voltage reference module can be configured to connect the comparator pin COMPIN- to
one of the following:
Fixed internal voltage bandgap
Programmable internal reference voltage
External voltage reference
1.
Fixed Internal Voltage Bandgap
The voltage reference module can generate a fixed voltage reference of 1.2V on the VN
input. This is done by setting the VCBGR bit in the VREFCR register.
2.
Programmable Internal Voltage Reference
The internal voltage reference module can provide 16 distinct internally generated
voltage levels from 3.2V to 0.2V each at a step of 0.2V on comparator pin VN. The
voltage is selected through the VR[3:0] bits in the VREFCR register.
3.
External Reference Voltage
If a reference voltage other than that generated by the internal voltage reference
module is required, COMPIN- can be connected to an external voltage source. This
configuration can be selected by setting the VCEXT bit in the VREFCR register.
CINV
Input conditions
COMPOUT
0
VP > VN
1
VN > VP
0
1
VP > VN
0
VN > VP
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com