Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 180 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 176Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 177Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 178Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 179Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 180Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 181Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 182Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 183Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 245 page
background image
On-chip peripherals
ST7LITE49K2
180/245
Table 59.
Voltage reference programming
Bit 1 = VCEXTB External voltage reference for comparator B
Set and cleared by software. It is used to connect the external reference voltage COMPINB-
to the VN comparator B input.
0: External reference voltage not connected to the VN comparator B input
1: External reference voltage connected to the VN comparator B input
Bit 0 = Reserved, Must be kept cleared.
VCEXT
bit
VCBGR
bit
VR3
bit
VR2
bit
VR1
bit
VR0
bit
VN voltage
1
x
xxxx
VEXT
0
1
xxxx
1.2 bandgap
0
0
1111
3.2 V
0
0
1110
3 V
0
0
1101
2.8 V
0
0
1100
2.6 V
0
0
1011
2.4 V
0
0
1010
2.2 V
0
0
1001
2 V
0
0
1000
1.8 V
0
0
0111
1.6 V
0
0
0110
1.4 V
0
0
0101
1.2 V
0
0
0100
1 V
0
0
0011
0.8 V
0
0
0010
0.6 V
0
0
0001
0.4 V
0
0
0000
0.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com