Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49K2 Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST7LITE49K2
Description  Communication interfaces
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49K2 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST7LITE49K2 Datasheet HTML 178Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 179Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 180Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 181Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 182Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 183Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 184Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 185Page - STMicroelectronics ST7LITE49K2 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 245 page
background image
On-chip peripherals
ST7LITE49K2
182/245
Note:
This bit should be set to enable interrupt only after the comparator has been switched ON,
i.e. when CMPON is set.
Once CMPON bit is set, it is recommended to wait the specified stabilization time before
setting CMPIE bit in order to avoid a spurious interrupt (see analog comparator
characteristics in Section 13: Electrical characteristics on page 192).
Bit 2 : CMP Comparator output
This bit is set or reset by software and cleared by hardware reset. It stores the value of
comparator output.
Bit 1 = COUT Comparator output enable on Port
This bit is set or cleared by software. When this bit is set, the comparator output is available
on PA7 port.
0 : Comparator interrupt flag cleared
1 : Comparator interrupt flag set and can generate interrupt if CMPIE is set.
Bit 0 : CMPON Comparator ON/OFF
This bit is set or cleared by software and reset by hardware reset. This bit is used to switch
ON/OFF the comparator, internal voltage reference and current bias which provides 4µA
current to both.
0: Comparator, internal voltage reference, Bias OFF (in power-down state).
1: Comparator, internal voltage reference, Bias ON
Note:
For the comparator interrupt generation, it takes 250 ns delay from comparator output
change to rising or falling edge of interrupt generated.
Table 60.
Analog comparator register map and reset values
Address
(Hex.)
Register
label
76
5
4
3
2
1
0
0052h
VREFCR
Reset value
VCEXT
0
VCBGR
0
VR3
0
VR2
0
VR1
0
VR0
0
VCEXTB
0
-
0
0053h
CMPACR
Reset value
CHYST
1
-
0
CINV
0
CMPIF
0
CMPIE
0
CMP
0
COUT
0
CMPON
0
0054h
CMPBCR
Reset value
CHYST
1
-
0
CINV
0
CMPIF
0
CMPIE
0
CMP
0
COUT
0
CMPON
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com