Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 42Page - Cirrus Logic CS35L32 Datasheet HTML 43Page - Cirrus Logic CS35L32 Datasheet HTML 44Page - Cirrus Logic CS35L32 Datasheet HTML 45Page - Cirrus Logic CS35L32 Datasheet HTML 46Page - Cirrus Logic CS35L32 Datasheet HTML 47Page - Cirrus Logic CS35L32 Datasheet HTML 48Page - Cirrus Logic CS35L32 Datasheet HTML 49Page - Cirrus Logic CS35L32 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
46
DS963F5
CS35L32
8.2 Audio Output Typical Performance Plots
8.2 Audio Output Typical Performance Plots
To avoid nonlinearities (distortion) introduced by the amplifier load inductor itself, all amplifier typical performance plots
use a resistor and not a simulated speaker load. No EMI filtering is populated on the amplifier outputs (OUT±).
Figure 8-5. Device Idle Power Consumption, Current vs. VP—
VBST = 5.0 V, VBST = VP = 3.6 V
Figure 8-6. Device Idle Power Consumption, Power vs. VP—
VBST = 5.0 V, VBST = VP = 3.6 V
Figure 8-7. THD+N Ratio vs. Output Power @ 1 kHz, 8
—
Bypass Mode (VBST = VP = 3.6 V),
Fixed Boost Mode (VBST = 5 V), Automatic Mode
Figure 8-8. THD+N Ratio vs. Frequency, 8
—
Bypass Mode (VBST = VP = 3.6 V, Load = 0.5 W),
Fixed Boost Mode (VBST = 5 V, Load = 1 W)
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
35
40
VP Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
0
20
40
60
80
100
120
140
160
VP Voltage (V)
VBST = VP
VBST = 5 V
Automatic Mode
0.01
0.1
1
0.001
0.01
0.1
1
10
Output Power (W)
VBST = VP
VBST = 5 V
100
1000
10000
0.0001
0.001
0.01
0.1
1
10
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com