Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 43Page - Cirrus Logic CS35L32 Datasheet HTML 44Page - Cirrus Logic CS35L32 Datasheet HTML 45Page - Cirrus Logic CS35L32 Datasheet HTML 46Page - Cirrus Logic CS35L32 Datasheet HTML 47Page - Cirrus Logic CS35L32 Datasheet HTML 48Page - Cirrus Logic CS35L32 Datasheet HTML 49Page - Cirrus Logic CS35L32 Datasheet HTML 50Page - Cirrus Logic CS35L32 Datasheet HTML 51Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
DS963F5
49
CS35L32
9 Parameter Definitions
9 Parameter Definitions
Figure 8-17. VMON to IMON Phase vs. Frequency @ 1 W—
Fixed-Boost Mode (VBST = 5 V)
Load = 8
 + 5 H, 8  + 10 H, 8  + 33 H, 8  + 15 H
1
Figure 8-18. IMON FFT, 1 kHz @ Load = 0.9 W—VBST = 5 V
Figure 8-19. IMON FFT, 1 kHz @ No load—VBST = 5 V
MCLKINT. Internal clock that is either equal to the signal connected to the MCLK (MCLKEXT) or is equal to
MCLKEXT/2, depending on the setting of the MCLK divide-by-2 control (MCLKDIV2), described in Section 7.7.
Output offset voltage. Describes the DC offset voltage present at the amplifier’s output when its input signal is in a
Mute State. The offset exists due to CMOS process limitations and is proportional to analog volume settings. When
measuring the offset out of the line amplifier, the line amplifier is ON and the headphone amplifier is OFF; when
measuring the offset out of the headphone amplifier, the headphone amplifier is ON and the line amplifier is OFF.
Signal-to-noise ratio (SNR). The ratio of the RMS value of the output signal, where Pout is equivalent to the specified
output power at THD+N < 1%, to the RMS value of the noise floor with no input signal applied and measured over
the specified bandwidth, typically 20 Hz to 20 kHz. This measurement technique has been accepted by the
Electronic Industries Association of Japan, EIAJ CP–307. Expressed in decibels.
Total harmonic distortion + noise (THD+N). The ratio of the rms value of the signal to the rms sum of all other
spectral components over the specified bandwidth (typically 10 Hz to 20 kHz), including distortion components.
THD+N is measured at –1 and –20 dBFS for the analog input and 0 and –20 dB for the analog output as suggested
in AES17–1991 Annex A. THD+N is expressed in decibel units.
8−
Ω, 4.7−μH Load
8−
Ω, 10−μH Load
8−
Ω, 15−μH Load
8−
Ω, 33−μH Load
100
1000
10000
−30
−20
−10
0
10
20
30
Frequency (Hz)
100
1000
10000
−140
−120
−100
−80
−60
−40
−20
Frequency (Hz)
100
1000
10000
−140
−120
−100
−80
−60
−40
−20
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com