Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 16Page - Cirrus Logic CS35L32 Datasheet HTML 17Page - Cirrus Logic CS35L32 Datasheet HTML 18Page - Cirrus Logic CS35L32 Datasheet HTML 19Page - Cirrus Logic CS35L32 Datasheet HTML 20Page - Cirrus Logic CS35L32 Datasheet HTML 21Page - Cirrus Logic CS35L32 Datasheet HTML 22Page - Cirrus Logic CS35L32 Datasheet HTML 23Page - Cirrus Logic CS35L32 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
20
DS963F5
CS35L32
4.8 Signal Monitoring
4.8.2
Monitoring Voltage across the Load—VMON
As shown in Fig. 4-5, monitoring on VMON is accomplished via the VSENSE± pins. Table 3-7 gives operating and
performance specifications for this ADC path. The following equation determines the VMON voltage (in Volts):
DOUT is the 16-bit digital output monitoring word in signed decimal format (–32,768 to +32,767) and VA is the voltage on
the VA pin. Relative to VSENSE+, negative DOUT values equate to a negative load voltage and positive DOUT values
equate to a positive load voltage. When VA is 1.8 V, the full-scale signal is 6.25 V.
If VMON is a 12-bit word, its equivalent 16-bit representation for the computational purposes of this section positions the
12 bits in the 12 MSBs and the 4 LSBs are cleared in the computation.
4.8.3
Monitoring Current through the Load—IMON
As shown in Fig. 4-5, monitoring of output current is accomplished via the ISENSE± pins, which are provided to measure
a voltage drop across a sense resistor in the output path, as described in Section 3. A precision resistor (
1%) is chosen
for high accuracy when calculating the current from the voltage measured across the resistor. Likewise, to avoid thermal
drift, the resistor is chosen to have a low thermal coefficient of 100 ppm/°C. Table 3-7 gives operating and performance
specifications for this ADC path.
The following equation determines the IMON current (in Amps) when using a 0.1-
 sense resistor:
DOUT is the 16-bit digital output monitoring word in signed decimal format (–32,768 to +32,767) and VA is the voltage on
the VA pin. Relative to ISENSE+, negative DOUT values equate to a negative current and positive DOUT values equate to
a positive current. The default IMON_SCALE, as described in Section 4.8.3.1, is used for the example equation. If the
IMON_SCALE value is increased by 1 bit, the 215 power in the IMON equation increases to 215+1. If the IMON_SCALE
value is decreased by 1 bit, the 215 power in the IMON equation decreases to 215–1.
If IMON is a 12-bit word, its equivalent 16-bit representation for the computational purposes of this section positions the
12 bits in the 12 MSBs, and the 4 LSBs are cleared in the computation.
4.8.3.1
IMON Signal Scaling (IMON_SCALE)
Because the voltage is measured across a resistor of very small value and because output current can vary significantly
depending on the program material, a gain-scaling block (shown in Fig. 4-5) is included to improve the reported sample
resolution for low-level signals. This control, configured through IMON_SCALE (see p. 38), allows the system processor
to determine the range of bits to be received from the available 26-bit word on the IMON ADC’s data bus. The default
IMON_SCALE configuration (22 down to 7) configures the ADC data MSB (bit 22) to be the 16-bit IMON data packet MSB.
ADC bits 23–25 allow the signal to be divided down.
If IMON is a 12-bit word, its equivalent 16-bit representation for the computational purposes of this section positions the
12 bits in the 12 MSBs. The 4 LSBs are cleared in the computation.
4.8.3.2
IMON Sense Resistor
A 0.1-
sense resistor is used to generate a differential voltage that is captured by the IMON circuitry to monitor the load
current. If PWM output filtering components, such as ferrite beads, are placed in series with the output load, the sense
resistor must be placed between the SPKOUT+ pin and the external series filter component, minimizing any performance
effects produced by the output filter. If the sense resistor is placed after the series-filtering component, the signal being
measured across the sense resistor will have been altered from its expected form.
VMON
DOUT
2
15
1
–
-------------------



6.25 VA
1.8
--------------------------


=
IMON
DOUT
2
15
1
–
-------------------



0.82 VA
0.1
--------------------------


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com