Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 36Page - Cirrus Logic CS35L32 Datasheet HTML 37Page - Cirrus Logic CS35L32 Datasheet HTML 38Page - Cirrus Logic CS35L32 Datasheet HTML 39Page - Cirrus Logic CS35L32 Datasheet HTML 40Page - Cirrus Logic CS35L32 Datasheet HTML 41Page - Cirrus Logic CS35L32 Datasheet HTML 42Page - Cirrus Logic CS35L32 Datasheet HTML 43Page - Cirrus Logic CS35L32 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
40
DS963F5
CS35L32
7.16 Interrupt Mask 1
0OTE_
RLS
Overtemperature error protection release. Releases (removes) OTE-caused Speaker-Safe Mode if the OTE condition is no
longer present, which can be determined by reading OTE (see Section 7.19) twice.
0 (Default)
1
0
 1  0 sequence
If the OTE condition is present, Speaker-Safe Mode is applied.
At the end of the sequence, if the OTE condition is no longer present, the Speaker-Safe Mode is
cleared, unless an amplifier short cause is still active.
Note: For these bits, if the condition that causes automatic protection becomes true again during the protection potential release sequence
(x_RLS: 0
 1  0), protection is not removed, the related interrupt status bit is set again, and, if unmasked, a new interrupt is generated.
7.16 Interrupt Mask 1
Address 0x12
R/W
76
5
4
3
2
1
0
—
M_ADSPCLK_ERR M_MCLK_ERR M_AMP_SHORT
M_OTW
M_OTE
Default
1
1
1
1
1
1
1
1
Interrupt mask register bits serve as a mask for the interrupt sources in the interrupt status registers. Interrupts are described in Section 4.2.
Bits
Name
Description
7:5
—
Reserved
4
M_ADSPCLK_ERR Error masks
0 Unmasked
1 (Default) Masked
3
M_MCLK_ERR
2
M_AMP_SHORT AMP_SHORT mask
0 Unmasked
1 (Default) Masked
1M_OTW
OTW mask
0 Unmasked
1 (Default) Masked
0M_OTE
OTE mask
0 Unmasked
1 (Default) Masked
7.17 Interrupt Mask 2
Address 0x13
R/W
76
5
4
3
2
1
0
M_VMON_OVFL M_IMON_OVFL M_VPMON_OVFL
—
M_PDN_DONE
Default
1
1
1
11
11
1
Interrupt mask register bits serve as a mask for the interrupt sources in the interrupt status registers. Interrupts are described in Section 4.2.
Bits
Name
Description
7
M_VMON_OVFL
Overflow masks
0 Unmasked
1 (Default) Masked
6M_IMON_OVFL
5
M_VPMON_OVFL
4:1
—
Reserved
0
M_PDN_DONE
PDN_DONE mask
0 Unmasked
1 (Default) Masked
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com