Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 14Page - Cirrus Logic CS35L32 Datasheet HTML 15Page - Cirrus Logic CS35L32 Datasheet HTML 16Page - Cirrus Logic CS35L32 Datasheet HTML 17Page - Cirrus Logic CS35L32 Datasheet HTML 18Page - Cirrus Logic CS35L32 Datasheet HTML 19Page - Cirrus Logic CS35L32 Datasheet HTML 20Page - Cirrus Logic CS35L32 Datasheet HTML 21Page - Cirrus Logic CS35L32 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
18
DS963F5
CS35L32
4.5 Undervoltage Lockout (UVLO)
4.5 Undervoltage Lockout (UVLO)
If the VP level falls below the lockout threshold specified in Table 3-3, UVLO protection shuts down all analog circuitry of
the CS35L32. Autorecovery occurs as VP rises above the lockout threshold by a voltage equal to the specified hysteresis.
During a UVLO condition, control port, UVLO detection, serial clock, watchdog, and thermal detection circuitry stay active.
Note:
During an UVLO condition, the I2S port is automatically powered down, preventing the UVLO condition from being
fed back via the ADSP SDOUT pin.
4.6 Boost Converter
The CS35L32's boost converter, shown in Fig. 4-3, delivers power to the supply of the audio speaker amplifier as well as
to the LEDs. Its output voltage is determined by VBOOST_MNG (see p. 38). Section 4.10 further shows how VBOOST_
MNG relates to audio and LED operation. The boost converter features a current-limiting circuit that detects and clamps
peak inductor current if such a peak is equal to the user-programmable limit (BST_IPK, see p. 38). BOOST_CURLIM
interrupt flag is set when the current limit has been detected.
MCLKINT sets the frequency of the converter to 2 MHz. MCLKINT is derived from MCLK by setting MCLKDIV2 (see p. 37).
If MCLKINT stops switching, the converter is placed in Bypass Mode until clocking is restored.
Figure 4-3. Boost Controller Block Diagram
4.7 Die Temperature Monitoring
Onboard die temperature monitoring prevents, shown in Fig. 4-4, the CS35L32 from reaching a temperature that would
compromise reliability or functionality. The CS35L32 incorporates a two-threshold thermal-monitoring system. When die
temperature exceeds the lower threshold, an overtemperature warning (OTW) event occurs; if it exceeds the second
threshold, an overtemperature error (OTE) condition occurs. These conditions are described in Section 4.7.1.
Figure 4-4. Die Temperature Monitoring
Note:
The CS35L32 does not support independent powering down of die-temperature monitoring circuitry (other than
powering it down via PDN_ALL, see p. 36).
Boost Converter
VP
VBST
VP
SW
Rectifying FET
GNDP
Boost Controller
2-MHz Clock
Set
Reset
Pulse
Width
Control
RBST_SNS
IREF
GEN
VBANDGAP
Internal
Reference
Circuitry
IREF+
CBST(OUT)
CBST(IN)
Boost
FET
LBST
BST_IPK
on p. 38
Die Temperature Monitoring
Temperature
Sensor
VA
VBANDGAP
Overtemperature Error Reference(TOP)
VBANDGAP
Overtemperature Warning Reference(TWRN)
OTW on p. 41
M_OTW on p. 40
(see Section 4.7.1)
OTE on p. 41
M_OTE on p. 40
OTE_RLS on p. 40
(see Section 4.7.1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com