Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 10Page - Cirrus Logic CS35L32 Datasheet HTML 11Page - Cirrus Logic CS35L32 Datasheet HTML 12Page - Cirrus Logic CS35L32 Datasheet HTML 13Page - Cirrus Logic CS35L32 Datasheet HTML 14Page - Cirrus Logic CS35L32 Datasheet HTML 15Page - Cirrus Logic CS35L32 Datasheet HTML 16Page - Cirrus Logic CS35L32 Datasheet HTML 17Page - Cirrus Logic CS35L32 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
14
DS963F5
CS35L32
3 Characteristics and Specifications
Table 3-13. Switching Specifications: I²C Control Port
Test conditions, except where noted otherwise: VA = 1.8 V, VP = 3.6 V, VBST = 5.0 V, TA = +25°C, Inputs: Logic 0 = GNDA = GNDP = 0 V, Logic 1 =
VA; SDA load capacitance equal to maximum value of CB specified below; minimum SDA pull-up resistance, RP(min).1 Section 9 describes some
parameters in detail. All specifications are valid for the signals at the pins of the CS35L32 with the specified load capacitance; input timings are measured
at VIL and VIH thresholds; output timings are measured at VOL and VOH thresholds (see Table 3-8).
1.The minimum RP and RP_I values (resistors shown in Fig. 2-1) are determined using the maximum level of VA, the minimum sink current strength of
their respective output, and the maximum low-level output voltage VOL(specified in Table 3-8). The maximum RP and RP_I values may be determined
by how fast their associated signals must transition (e.g., the lower the value of RP, the faster the I2C bus is able to operate for a given bus load
capacitance). See the I²C switching specifications in Table 3-13 and the I²C bus specification referenced in Section 13.
Parameter
Symbol 2
2.I²C control-port timing.
Min
Max
Units
RESET rising edge to start
tIRS
500
—
ns
SCL clock frequency
fSCL
—
400
kHz
Start condition hold time (before first clock pulse)
tHDST
0.6
—
µs
Clock low time
tLOW
1.3
—
µs
Clock high time
tHIGH
0.6
—
µs
Setup time for repeated start condition
tSUST
0.6
—
µs
SDA input hold time from SCL falling 3
3.Data must be held long enough to bridge the transition time, tF, of SCL.
tHDDI
00.9
µs
SDA output hold time from SCL falling
tHDDO
0.2
0.9
µs
SDA setup time to SCL rising
tSUD
100
—
ns
Rise time of SCL and SDA
tRC
—
300
ns
Fall time of SCL and SDA
tFC
—
300
ns
Setup time for stop condition
tSUSP
0.6
—
µs
Bus free time between transmissions
tBUF
1.3
—
µs
SDA bus capacitance
CB
—
400
pF
tBUF
tLOW
Stop
Start
Start
Stop
Repeated
SDA
SCL
tIRS
RESET
tHDDI,
tHDDO
tSUD
tSUST
tRC
tHDST
tHIGH
tHDST
tFC
tSUSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com