Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 39Page - Cirrus Logic CS35L32 Datasheet HTML 40Page - Cirrus Logic CS35L32 Datasheet HTML 41Page - Cirrus Logic CS35L32 Datasheet HTML 42Page - Cirrus Logic CS35L32 Datasheet HTML 43Page - Cirrus Logic CS35L32 Datasheet HTML 44Page - Cirrus Logic CS35L32 Datasheet HTML 45Page - Cirrus Logic CS35L32 Datasheet HTML 46Page - Cirrus Logic CS35L32 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
DS963F5
43
CS35L32
7.22 LED Lighting Status
7.22 LED Lighting Status
Address 0x18
R/O
7
654
32
10
LED1_FLEV
LED2_FLEV
LED1_MVEV
LED2_MVEV
LED_FLEN
LED_FLINH
LED2_DIS
LED_TIMERON
Default
x
xxx
xx
xx
Bits
Name
Description
7LED1_
FLEV
LED1 flash event
0 (Default) No driver flash current to LED
1 Flash current delivered to LED
6LED2_
FLEV
LED2 flash event
0 (Default) No driver flash current to LED
1 Flash current delivered to LED
5LED1_
MVEV
LED1 Movie Mode event
0 (Default) No driver movie current to LED
1 Movie current delivered to LED
4LED2_
MVEV
LED2 Movie Mode event
0 (Default) No driver movie current to LED
1 Movie current delivered to LED
3LED_
FLEN
Flag mirroring FLEN
0 (Default) FLEN low
1 FLEN high
2LED_
FLINH
Flag mirroring FLINH
0 (Default) FLINH low
1 FLINH high
1LED2_
DIS
LED2 disabled status reporting the use of FLOUT2 as AD0, with no LED, and tied to ground
0 (Default) Enabled
1 Disabled (tied to ground)
0LED_
TIMERON
Flash timer. Flag indicating the status of the flash timer.
0 (Default) Timer off
1Timer on
7.23 LED Flash Mode Current
Address 0x19
R/W
7
654
32
10
—
LED_FLCUR[3:0]
Default
0
000
00
00
Bits
Name
Description
7:4
—
Reserved
3:0
LED_
FLCUR
LED flash driver current in 50-mA increments.
Note: If an open-circuit condition occurs on one FLOUTx pin, the current through the other FLOUTx pin is 50 mA lower than
the LED_FLCUR programmed value.
0000 (Default) OFF
0001–0110 Reserved
0111 350 mA
1000 400 mA
1001 450 mA
1010 500 mA
1011 550 mA
1100 600 mA
1101 650 mA
1110 700 mA
1111 750 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com