Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 2Page - Cirrus Logic CS35L32 Datasheet HTML 3Page - Cirrus Logic CS35L32 Datasheet HTML 4Page - Cirrus Logic CS35L32 Datasheet HTML 5Page - Cirrus Logic CS35L32 Datasheet HTML 6Page - Cirrus Logic CS35L32 Datasheet HTML 7Page - Cirrus Logic CS35L32 Datasheet HTML 8Page - Cirrus Logic CS35L32 Datasheet HTML 9Page - Cirrus Logic CS35L32 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6
DS963F5
CS35L32
1 Pin Descriptions
RESET
B3
VA
I Reset. When asserted, the device enters a
low-power mode, outputs are set to Hi-Z, and
I²C register values are set to defaults. Outputs
are Hi-Z except those with weak pull-ups or
pull-downs as mentioned.
—
—
Hysteresis
on CMOS
input
Low
FLEN
D4
VA
I Flash Enable. Input signal commanding a
flash event into both LEDs. It is asserted high.
Weak pull-
down
(~1 M

—
Hysteresis
on CMOS
input
Pulled
down
FLINH
C4
VA
I Flash Inhibit. Input signal determining
whether the LEDs are in Flash Mode (logic
low) or Flash-Inhibit Mode (logic high, LED
current reduced).
Weak pull-
down
(~1 M

—
Hysteresis
on CMOS
input
Pulled
down
FLOUT1
B6
SPKR
SUPPLY
O LED Driver 1. Output driving LED 1 by sinking
current from the LED cathode
Weak pull-up
(~1 M

—
—
SPKR
SUPPLY
FLOUT2/AD0
A6
SPKR
SUPPLY
I/O LED Driver 2/Address Zero. Output driving
LED 2 by sinking current from the LED
cathode. AD0 programs the chip address
when RESET is deasserted. If no LED is used,
tying the pin to ground clears the chip address
LSB. Otherwise, the LSB is set.
Weak pull-up
(~1 M

—
—
SPKR
SUPPLY
VBST
E1
—
O Boost Converter Output. Output of boosted
supply. This pin cannot be used to drive any
external loads other than the on chip Class D
Amplifier and Flash LEDs.
——
—
—
SPKRSUPPLY
E2
—
I Speaker Supply. Full-bridge Class D speaker
amplifier power supply.
——
SW
C1, D1
VBST
I Boost Converter Switch Node. Connects the
inductor to the rectifying switch.
——
—
—
IREF+
D5
VA
I Current Reference Resistor. Connection for
an external resistor to be used for generating
the CS35L32’s internal main current reference.
See Fig. 2-1 for required resistor value.
——
—
—
IN+
E4
SPKR
SUPPLY
I Input 1 Differential Positive Line. Positive
analog input
——
—
—
IN–
E3
SPKR
SUPPLY
I Input 1 Differential Negative Line. Negative
analog input
——
—
—
SPKOUT+
SPKOUT–/VSENSE–
D2
D3
SPKR
SUPPLY
O Speaker Differential Audio Output. Internal
Class D speaker amplifier output. SPKOUT–
serves as voltage monitor negative sense pin
(VSENSE–).
——
—
Hi-Z
ISENSE+
ISENSE–/VSENSE+
E6
E5
SPKR
SUPPLY
I Current Sense Inputs. Sense voltage across
an external resistor in series with SPKOUT+.
ISENSE– serves as voltage monitor positive
sense pin (VSENSE+).
——
—
—
FILT+
D6
VA
O Positive Voltage Reference. Positive
reference for internal circuits
——
—
—
VA
C6
—
I Analog Input Power. Power supply for
internal analog section
——
—
—
VP
B1
—
I Boost Converter Input Power. Power supply
or battery voltage powering boost converter
——
—
—
GNDA
C5
—
Analog Ground. Ground reference for the
internal analog section of the IC
——
—
—
GNDP
C2, C3
—
Power Ground. Ground reference for boost
converter and Class D amplifier’s output stage
——
—
—
GNDPLED
B5
—
LED Power Ground. Ground reference for
LED current return. Should be tied to ground
plane.
——
—
—
Table 1-1. Pin Descriptions (Cont.)
Ball Name
Ball
Number
Power
Supply I/O
Ball Description
Internal
Connection
Driver
Receiver State at
Reset
LED
Boost Converter
Audio
Power Supply
General Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com