Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 3Page - Cirrus Logic CS35L32 Datasheet HTML 4Page - Cirrus Logic CS35L32 Datasheet HTML 5Page - Cirrus Logic CS35L32 Datasheet HTML 6Page - Cirrus Logic CS35L32 Datasheet HTML 7Page - Cirrus Logic CS35L32 Datasheet HTML 8Page - Cirrus Logic CS35L32 Datasheet HTML 9Page - Cirrus Logic CS35L32 Datasheet HTML 10Page - Cirrus Logic CS35L32 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
DS963F5
7
CS35L32
2 Typical Connection Diagram
2 Typical Connection Diagram
Figure 2-1. Typical Connection Diagram
Battery
1
H
COUT
0.1
0.1
F
**
LBST
44.2 k
RBST_SNS
8
COUT
**
Applications
Processor
0.1
F
10
F
CBST
*
*
RP
RP
RP_I
PMU
10
F
*
0.1
F
VA
*
4.7
F *
Line Input 1
CS35L32
ISENSE–/
VSENSE+
SPKOUT+
ISENSE+
IREF+
SPKOUT–/
VSENSE–
VBST
GNDP
FLOUT1
FLOUT2 / AD0
GNDPLED
SPKRSUPPLY
SDOUT
LRCK
SCLK
MCLK
FLEN
FLINH
SCL
SDA
INT
RESET
VA
FILT+
GNDA
IN+
IN–
VP
SW
*
*
3.0–5.25 V
1.71–1.89 V
10
F
Notes:
• All external passive component values are nominal values.
Key for capacitor types required:
* Use low ESR, X7R/X5R capacitors.
** Use low ESR, X7R capacitors.
If no type symbol is shown next to a capacitor, any type may be used.
• As required, add protection circuitry to ensure compliance with the absolute maximum ratings in Table 3-2.
1. CBST is a ceramic capacitor and derates at DC voltages higher than 0 V. In this application, the capacitor should not derate to a value lower
than 4
F across the specified boost output voltage in Table 3-4. Capacitor tolerance and the temperature coefficient should also be taken
into account to guarantee the 4-
F value.
2. Minimum pull-up resistor values are selected in accordance with the Table 3-8 VOL specification. Maximum pull-up resistances are selected
based on load capacitance and relevant switching specs (Table 3-13).
3. Select each capacitor to be 0.22
F for an 18-Hz passband @ 12-dB amplifier gain, for a 3-dB roll-off. The equation for calculating the
capacitance for a given passband is C = 1/(
 * f * RINDIF), where C is in F, RINDIF is the differential input resistance in and f is in Hz (see
the differential input resistance specification in Table 3-3). Signals IN+ and IN– are subject to the recommended ranges in Table 3-1.
4. RBST_SNS is inherently tied to the accuracy of the BST_IPK current limit. A resistor with a 0.1% tolerance is required for this component to
meet the specified IMAX(B) max and min values in Table 3-4.
5. The required tolerance on the 0.1-
 ISENSE resistor is 1%. The required temperature coefficient is ±200 ppm/°C.
6. COUT capacitors are optional EMI suppressors used with CS35L32 edge-rate control, depending on application requirements. Because
switching losses increase linearly with increases to these capacitances, it is recommended that COUT values not exceed 2 nF. The
recommended value is 470 pF.
7. LED and I2C addressing options:
VBST
VBST
c) AD0 = 1
d) AD0 = 0
b) AD0 = 1
a) AD0 = 1
VBST
VBST
FLOUT1 FLOUT2
FLOUT1 FLOUT2
FLOUT1 FLOUT2
FLOUT1 FLOUT2
NC
See Note 7 for LED
and I2C addressing
options.
Note 1
Note 3
Note 2
Note 5
Note 4
Note 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com