Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 34Page - Cirrus Logic CS35L32 Datasheet HTML 35Page - Cirrus Logic CS35L32 Datasheet HTML 36Page - Cirrus Logic CS35L32 Datasheet HTML 37Page - Cirrus Logic CS35L32 Datasheet HTML 38Page - Cirrus Logic CS35L32 Datasheet HTML 39Page - Cirrus Logic CS35L32 Datasheet HTML 40Page - Cirrus Logic CS35L32 Datasheet HTML 41Page - Cirrus Logic CS35L32 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
38
DS963F5
CS35L32
7.9 Battery Voltage Monitor
7.9 Battery Voltage Monitor
Address 0x0A
R/O
7
654
32
10
VPMON[7:0]
Default
0
000
00
00
Bits
Name
Description
7:0
VPMON
Battery voltage (VP) monitor. Represents the VPMON (DOUT) value in the equation in Section 4.8.4.
1000 0000 –128
1000 0001 –127…
1111 1111 –1
0000 0000 0 (default)
0000 0001 +1
0000 0010 +2 …
0111 1111 +127
7.10 Boost Converter Peak Current Protection Control
Address 0x0B
R/W
7
654
32
10
BST_IPK[7:0]
Default
0
100
00
00
Bits
Name
Description
7:0 BST_IPK Boost converter peak current limit (A). Configures the peak current limit on the boost converter’s output. If the amplifier or LEDs
attempt to draw current above this limit, only the set limit current is provided and, consequently, the boost voltage droops. The
user must not write values higher than 0x80 to this register.
0000 0000 2.89 …
0010 0000 3.30 …
0100 0000 (Default) 3.72 …
0110 0000 4.14 …
1000 0000 4.56
1000 0001–1111 1111 Reserved
7.11 Scaling
Address 0x0C
R/W
7
654
32
10
—
IMON_SCALE[3:0]
Default
0
000
01
11
Bits
Name
Description
7:4
—
Reserved
3:0
IMON_
SCALE
Select IMON ADC scaling. Configures the scaling of data bits from the ADC to be output from the ADSP as the IMON data
word. The scale is selected from the encoded ADC output data bus with bit 22 being the ADC data MSB. Scaling control can
be used to improve the reported sample resolution for low-level signals or to divide down the signal.
0000 15 down to 0
…
0111 (Default) 22 down to 7
1000 23 down to 8
1001 24 down to 9
1010 25 down to 10
1011–1111 Reserved
Note: For 12-bit implementations, IMON_SCALE remains the same. The MSB is in the same place for 12- and 16-bit formats,
7.12 LED and Audio Power-Budget Management
Address 0x0D
R/W
76
54
3
210
—
ILED_MNG
AUDIOGAIN_MNG
—
VBOOST_MNG[1:0]
Default
0000
0
010
Bits
Name
Description
7:5
—
Reserved
4
ILED_MNG LED current management
0 (Default) Automatically reduce LED current, only to avoid thermal shutdown or current limiting the boost converter.
1 User controls LED current (nonautomatic).
3
AUDIOGAIN_
MNG
Audio-gain management when LEDs are active.
0 (Default) Automatically reduces audio volume once by 3 dB, only if needed to avoid thermal shutdown or current
limiting the boost converter. If the condition persists, the CS35L32 examines ILED_MNG and responds accordingly.
Audio recovers to original volume automatically at the end of the LED event.
1 User controls audio volume (nonautomatic).
2—
Reserved
1:0
VBOOST_
MNG
Boost voltage control.
00 Automatically managed. Boost-converter output voltage is the higher of the two: Class G or adaptive LED voltage.
01 Automatically managed irrespective of audio, adapting for low-power dissipation when LEDs are ON, and operating
in Fixed-Boost Bypass Mode if LEDs are OFF (VBST = VP).
10 (Default) Boost voltage fixed in Bypass Mode (VBST = VP).
11 Boost voltage fixed at 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com