Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 1 Page - Cirrus Logic

  CS35L32 Datasheet HTML 1Page - Cirrus Logic CS35L32 Datasheet HTML 2Page - Cirrus Logic CS35L32 Datasheet HTML 3Page - Cirrus Logic CS35L32 Datasheet HTML 4Page - Cirrus Logic CS35L32 Datasheet HTML 5Page - Cirrus Logic CS35L32 Datasheet HTML 6Page - Cirrus Logic CS35L32 Datasheet HTML 7Page - Cirrus Logic CS35L32 Datasheet HTML 8Page - Cirrus Logic CS35L32 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Copyright
 Cirrus Logic, Inc. 2012–2015
(All Rights Reserved)
http://www.cirrus.com
DS963F5
AUG ‘15
Boosted Class D Amplifier with Speaker-Protection Monitoring
and Flash LED Drivers
Mono Class D Speaker Amplifier
• Two-level Class G operation:
• Boosted: 5 V nominal
• Bypassed: battery voltage is supplied directly
• 2.5-mA quiescent current, monitors powered down
• 1.7 W into 8
(@ 10% THD+N)
• 102-dB signal-to-noise ratio (SNR, A-weighted)
• Idle channel noise 25
Vrms (A-weighted)
• 90% efficiency
Audio Input and Gain
• One differential analog input
• Speaker gain:
• 9, 12, 15, and 18 dB and mute
• Pop suppression, zero-crossing detect transitions
Flash LED Drivers
• Integrated dual LED drivers using the following:
• Boost supply output voltage
• Dual matched current regulators, 750 mA max each
• Programmable setting for Flash Mode current:
50–750 mA, in 50-mA steps
• Programmable setting for Flash-Inhibit Mode current:
50–350 mA, in 50-mA steps
• Programmable setting for Movie Mode current:
150, 120, 100, 80, 60, 40, 20 mA
• Programmable flash timer setting:
50–500 ms, in 25-ms steps
• Dedicated pin for flash trigger (FLEN)
• Dedicated pin for flash inhibit (FLINH)
• Thermally managed through boost-voltage regulation
(Features continue on page 2)
Class D Power Stage
SPKR SUPPLY
VP
GNDPLED
Current Mode Synchronous
Boost Controller
VCOM
Range
Scaling
Class D Front End
Short Circuit Protection
∆Σ Class D Modulator
VREF
Generation
Bandgap
Voltage
Generation
FILT+
VREF
ISENSE+
ISENSE–/
VSENSE+
GNDA
SCLK
LRCK
Soft Ramp
Level Shifters
I²C Control Port
SDA
SCL
SCLK
LRCK
SDOUT
MCLK
IN–
–
+
9,12,15, or
18 dB + Mute
IN+
Flash LED Current Driver
Control,
Sensing,
and Fault
Protection
FLOUT1 FLOUT2/AD0
FLEN FLINH
SPKOUT+
SPKOUT–/
VSENSE–
I2C Class G Override
Watchdog
Error
GNDP
VSENSE–
VSENSE+
ISENSE–
ISENSE+
SPKR
SUPPLY

ADC
Serial Audio/Data Port
Serial Port
Clock Generation
VA
RESET
INT
VMON ADC
Front End
LP
IMON ADC
Front End
LP
Low Battery Management
Class G
VBST
Current
Sense
IREF+
SW
Power
Budgeting
Temperature
Sensor
Overtemp
Protection

ADC

ADC
CS35L32


Similar Part No. - CS35L32

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00 CIRRUS-CS35L00 Datasheet
761Kb / 34P
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZ CIRRUS-CS35L00-CNZ Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZ CIRRUS-CS35L00-CNZ Datasheet
761Kb / 34P
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZR CIRRUS-CS35L00-CNZR Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
More results

Similar Description - CS35L32

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
Boosted Class D Audio Power Amplifier
LM48520 NSC-LM48520 Datasheet
359Kb / 18P
Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM48510 TI1-LM48510_14 Datasheet
1Mb / 30P
Boosted Class D Audio Power Amplifier
LM48520 TI1-LM48520_14 Datasheet
805Kb / 20P
Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
NXP Semiconductors
TFA9895 NXP-TFA9895 Datasheet
311Kb / 21P
Boosted class-D audio amplifier with speaker boost protection and multiband dynamic range compressor
Rev. 1-23 October 2013
TFA9896 NXP-TFA9896 Datasheet
252Kb / 22P
Boosted audio system with adaptive sound maximizer and speaker protection
Rev. 1-22 December 2016
logo
Maxim Integrated Produc...
MAX98390 MAXIM-MAX98390 Datasheet
4Mb / 213P
Boosted Class-D Amplifier with Integrated Dynamic Speaker Management
19-100540; Rev 3; 7/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com