Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 43Page - Cirrus Logic CS35L32 Datasheet HTML 44Page - Cirrus Logic CS35L32 Datasheet HTML 45Page - Cirrus Logic CS35L32 Datasheet HTML 46Page - Cirrus Logic CS35L32 Datasheet HTML 47Page - Cirrus Logic CS35L32 Datasheet HTML 48Page - Cirrus Logic CS35L32 Datasheet HTML 49Page - Cirrus Logic CS35L32 Datasheet HTML 50Page - Cirrus Logic CS35L32 Datasheet HTML 51Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
DS963F5
47
CS35L32
8.3 Monitoring Typical Performance Plots
8.3 Monitoring Typical Performance Plots
Unless otherwise noted, all VMON/IMON plots use the amplifier as the signal source and all measurements were taken
using an 8
 + 33 H load. All listed load inductances include any measured inductances contained in the connection to
the load. No EMI filtering is populated on the amplifier outputs (OUT±).
Figure 8-9. Frequency Response @ 1 W—
Fixed-Boost Mode (VBST = 5 V, Refer to Amplitude @ 1 kHz)
Figure 8-10. VP PSRR Vs. Frequency, VP_ac = 100 mVpk—
Bypass Mode (VBST = VP), Fixed-Boost Mode (VBST = 5 V)
Figure 8-11. IMON THD+N Ratio vs. Amplifier Output Power @
1 kHz—Bypass Mode (VBST = VP = 3.6 V, Load = 0.5 W)
Fixed Boost Mode (VBST = 5 V, Load = 1 W)
Figure 8-12. VMON THD+N Ratio vs. Amplifier Output Power @
1 kHz—Bypass Mode (VBST = VP = 3.6 V, Load = 0.5 W)
Fixed Boost Mode (VBST = 5 V, Load = 1 W)
100
1000
10000
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
Frequency (Hz)
100
1000
10000
−80
−70
−60
−50
−40
−30
−20
−10
Frequency (Hz)
VBST = 5 V
VBST = VP
0.001
0.01
0.1
1
−80
−70
−60
−50
−40
−30
−20
−10
Output Power (W)
VBST = 5 V
VBST = VP
0.001
0.01
0.1
1
−80
−70
−60
−50
−40
−30
−20
−10
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com