Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 25Page - Cirrus Logic CS35L32 Datasheet HTML 26Page - Cirrus Logic CS35L32 Datasheet HTML 27Page - Cirrus Logic CS35L32 Datasheet HTML 28Page - Cirrus Logic CS35L32 Datasheet HTML 29Page - Cirrus Logic CS35L32 Datasheet HTML 30Page - Cirrus Logic CS35L32 Datasheet HTML 31Page - Cirrus Logic CS35L32 Datasheet HTML 32Page - Cirrus Logic CS35L32 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
DS963F5
29
CS35L32
4.13 Device Clocking
4.13 Device Clocking
The device can operate as a clock master, creating both SCLK and LRCK for itself and for other devices in the system. It
can also be operated as a clock slave, receiving the SCLK and LRCK signals as input. In either case, internal controls are
used to advise (in Slave Mode) or set (in Master Mode) the clocking relationships among the externally applied MCLK, the
internally derived MCLK (MCLKINT), SCLK, and LRCK.
4.13.1 Internal Master Clock Generation
An internal clock (MCLKINT) is derived from the clocking signal that drives the MCLK pin. The user must configure
MCLKDIV2 (see p. 37) so the proper internal MCLK signal can be derived. When the external clock is 6 or 6.144 MHz,
MCLKINT can simply be a buffered version of the clock that drives the MCLK pin. This is done by clearing MCLKDIV2.
However, if the external clock is 12 or 12.288 MHz, it must be halved to achieve an MCLKINT rate of approximately 6 MHz.
This is done by setting MCLKDIV2.
Table 4-14 outlines the supported internal MCLKINT nominal frequency and how it is derived from the supported
frequencies of the external MCLK source (MCLK input pin).
To save power, MCLK can be disabled by setting MCLKDIS (see p. 37).
4.13.2 ADSP Device Clocking
The CS35L32 can operate as a clock master, creating both SCLK and LRCK for itself and for other system devices. It can
also operate as a clock slave, receiving SCLK and LRCK signals as inputs. In Master Mode, CS35L32 determines clocking
relationships among SCLK, LRCK, and the externally applied MCLK.
Table 4-13. SDOUT Monitor Data Positioning (Two CS35L32s, DATCNF = 11)
Bit
Bit Number Left Channel Data Contents Right Channel Data Contents
MSB
1
VPMON[7] Device 0
VPMON[7] Device 1
MSB – 1
2
VPMON[6] Device 0
VPMON[6] Device 1
……
…
…
MSB – 7
8
VPMON[0] Device 0
VPMON[0] Device 1
MSB – 8
9
AMP_SHORT Device 0
AMP_SHORT Device 1
MSB – 9
10
OTW Device 0
OTW Device 1
MSB – 10
11
OTE Device 0
OTE Device 1
MSB – 11
12
VMONIMON_OVFL Device 0 VMONIMON_OVFL Device 1
MSB – 12
13
VPMON_OVFL Device 0
VPMON_OVFL Device 1
MSB – 13
14
PDN_DONE Device 0
PDN_DONE Device 1
MSB – 14
15
BOOST_CURLIM Device 0
BOOST_CURLIM Device 1
MSB – 15
16
LED_TIMERON Device 0
LED_TIMERON Device 1
MSB – 16
17
VMON_OVFL Device 0
VMON_OVFL Device 1
MSB – 17
18
IMON_OVFL Device 0
IMON_OVFL Device 1
MSB – 18
19
UVLO Device 0
UVLO Device 1
MSB – 19
20
BOOST_OVERROR Device 0 BOOST_OVERROR Device 1
MSB – 20
21
LED12_FLEV Device 0
LED12_FLEV Device 1
MSB – 21
22
LED12_MVEV Device 0
LED12_MVEV Device 1
MSB – 22 to MSB – 31
23–32
Reserved
Reserved
Table 4-14. Internal Master Clock Generation
MCLK Rate (MHz)
Required Divide Ratio
MCLKINT Rate (MHz)
Settings for MCLKDIV2
6.0000
1
6.0000
0
12.0000
2
1
6.1440
1
6.1440
0
12.2880
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com