Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 38Page - Cirrus Logic CS35L32 Datasheet HTML 39Page - Cirrus Logic CS35L32 Datasheet HTML 40Page - Cirrus Logic CS35L32 Datasheet HTML 41Page - Cirrus Logic CS35L32 Datasheet HTML 42Page - Cirrus Logic CS35L32 Datasheet HTML 43Page - Cirrus Logic CS35L32 Datasheet HTML 44Page - Cirrus Logic CS35L32 Datasheet HTML 45Page - Cirrus Logic CS35L32 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
42
DS963F5
CS35L32
7.20 Interrupt Status 2 (Monitors)
7.20 Interrupt Status 2 (Monitors)
Address 0x16
R/O
7
654
32
10
VMON_OVFL
IMON_OVFL VPMON_OVFL
—
PDN_DONE
Default
x
xxx
xx
xx
Interrupt status bits are read only and sticky. Interrupts are described in Section 4.2. Registers at addresses 0x14–0x17 must not be part of a
control-port autoincremented read and must be read individually. See Section 4.14.1.
Bits
Name
Description
7
VMON_OVFL
xMON overflow. Indicates the overrange status in the VMON, IMON, or VPMON ADC signal path
0 (Default) No clipping has occurred anywhere in the ADC signal path
1 Clipping has occurred in the ADC signal path
The programming of IMON_SCALE may cause IMON_OVFL to be set.
6IMON_OVFL
5
VPMON_OVFL
4:1
—
Reserved
0
PDN_DONE
Power-down done. Indicates whether the CS35L32 has completely powered down and MCLK can be stopped.
0 Not completely powered down. PDN_DONE = 0 if any blocks require MCLKINT. After powering down using
PDN_ALL or discrete power-down bits, the CS35L32 transitions to a powered-down state, after which, PDN_
DONE is set and MCLKINT can be removed.
1 (Default) Powered down
7.21 Interrupt Status 3 (LEDs and Boost Converter)
Address 0x17
R/O
76
5
4
3
2
1
0
UVLO
LED2_OPEN LED2_SHORT LED1_OPEN LED1_SHORT
LOWBAT
BOOST_CURLIM BOOST_OVERROR
Default
x
x
x
x
x
x
x
x
Interrupt status bits are read only and sticky. Interrupts are described in Section 4.2. Registers at addresses 0x14–0x17 must not be part of a
control-port autoincremented read and must be read individually. See Section 4.14.1.
Bits
Name
Description
7
UVLO
UVLO event
0 (Default) No lockout
1 UVLO detected at VP. IC shutdown.
6
LED2_OPEN
LED 2 open
0 (Default) No open detected
1 Open detected
5
LED2_SHORT
LED 2 shorted
0 (Default) No short detected
1 short detected
4
LED1_OPEN
LED 1 open
0 (Default) No open detected
1 Open detected
3
LED1_SHORT
LED 1 shorted
0 (Default) No short detected
1 Short detected
2
LOWBAT
Battery voltage (VP) is low. This bit is updated only during an active Flash LED event. Reads to clear this bit between any
two sequential Flash Events are not be reflected in the status register until the next active Flash Event is triggered.
0 (Default) Battery voltage normal (above LOWBAT_TH, see Section 7.8)
1 Battery voltage low (below LOWBAT_RECOV, see Section 7.8)
1
BOOST_CURLIM Boost converter in current limit
0 (Default) Not in current limit
1 Boost current has exceeded level programmed in BST_IPK
0
BOOST_
OVERROR
Boost converter overvoltage error
0 (Default) No overvoltage
1 Overvoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com