Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 17Page - Cirrus Logic CS35L32 Datasheet HTML 18Page - Cirrus Logic CS35L32 Datasheet HTML 19Page - Cirrus Logic CS35L32 Datasheet HTML 20Page - Cirrus Logic CS35L32 Datasheet HTML 21Page - Cirrus Logic CS35L32 Datasheet HTML 22Page - Cirrus Logic CS35L32 Datasheet HTML 23Page - Cirrus Logic CS35L32 Datasheet HTML 24Page - Cirrus Logic CS35L32 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
DS963F5
21
CS35L32
4.9 LED Driver
4.8.4
Monitoring Voltage on the VP Pin—VPMON
Monitoring of the voltage present on the VP pin is integrated internally to the CS35L32. The operating specifications for
this ADC path are given in Table 3-7. To determine the voltage present on VP, the following equation must be used:
DOUT is the digital output word (see VPMON, p. 38) in signed decimal format (–128 to +127), and VA is the voltage on the
VA pin. If VA = 1.8 V, VPMON can report values from 2.8 V (DOUT = –77 decimal) to 5.52 V (DOUT = 0 decimal).
4.8.5
Data Transmission out of the CS35L32
The ADSP, described in Section 4.11, can transmit all signals monitored in the CS35L32 to the system processor. The
data is presented on these outputs simultaneously.
4.8.6
Error Conditions
The CS35L32 monitors each monitoring ADC for overflow conditions. Table 4-4 lists signal monitoring error conditions and
provides links to their associated register field descriptions.
If an overflow occurs, the appropriate xMON_OVFL bit is set, and, if the respective mask bit is cleared, an interrupt occurs.
Exiting the error occurs when the signal is no longer overflowing. No release bit needs to be toggled.
• Overflow for VPMON and VMON signals. Due to the analog prescaling applied to the analog input signals, which
are sampled to make the VPMON and VMON signals, overflow conditions are unlikely on these ADCs. This is
because the operating specifications for maximum and minimum voltage constrain the voltage on these pins to a
level far below that required to make the ADC overflow.
For VPMON, because a spurious overflow error can occur when the block is taken out of power down, it is advised
to read the error status registers after PDN_xMON has been cleared to clear the spurious error status bit.
• Overflow for the IMON signal. As Section 4.8.3.1 describes, the IMON_SCALE (see p. 38) control allows the
greatest possible sample resolution over a wide range of output currents and sense resistors. If IMON_SCALE is
set too low for either the output current being monitored or the sense resistor being used, overflow of this ADC can
occur. When this error occurs, increasing the IMON_SCALE value can prevent the sampled signal from overflowing.
4.9 LED Driver
The CS35L32 includes a high-current flash LED driver (see Fig. 4-6), featuring two channels, FLOUT1 and FLOUT2, and
a boost converter and current regulator designed to power LEDs with up to 0.75 A per channel. Both channels can be
combined to drive an LED with 1.5 A by tying FLOUT1 and FLOUT2 together.
Figure 4-6. LED Driver Block Diagram
Table 4-4. Signal Monitoring Error Status Conditions
Error
Cross-Reference to Description
xMON overflow. Indicates the overrange
status in the VMON, IMON, or VPMON
ADC signal paths.
VMON_OVFL p. 42
IMON_OVFL p. 42
VPMON_OVFL p. 42
VP
DOUT 128
+

255
--------------------------------------- 5
1
1.8
--------
+

 VA
=
Flash LED Current Drivers
Control,
Sensing,
and Fault
Protection
FLOUT1
FLOUT2/AD0
FLEN FLINH
I2C Control Port
Current Mode
Boost Controller
GNDPLED
LED_FLINHCUR
on p. 44
LED_FLCUR on p. 43
LED_MVCUR on p. 44
TIMER on p. 44
TIMEOUT_MODE on p. 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com