Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 15Page - Cirrus Logic CS35L32 Datasheet HTML 16Page - Cirrus Logic CS35L32 Datasheet HTML 17Page - Cirrus Logic CS35L32 Datasheet HTML 18Page - Cirrus Logic CS35L32 Datasheet HTML 19Page - Cirrus Logic CS35L32 Datasheet HTML 20Page - Cirrus Logic CS35L32 Datasheet HTML 21Page - Cirrus Logic CS35L32 Datasheet HTML 22Page - Cirrus Logic CS35L32 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
DS963F5
19
CS35L32
4.8 Signal Monitoring
4.7.1
Error Conditions
Table 4-3 lists overtemperature error status and mask bits.
The overtemperature error and warning error conditions are described in detail in the following:
• Overtemperature warning (OTW). An OTW event occurs when the die temperature exceeds the overtemperature
threshold (listed in Table 3-3). When this occurs, an OTW (see p. 41) event is registered in the interrupt status
(Section 7.19); if M_OTW = 0, INT is asserted.
To exit the condition, the temperature must drop below the threshold and interrupt status 1 register must be read.
• Overtemperature error (OTE). An OTE event occurs when the die temperature exceeds the internally preset error
threshold (see Table 3-3). When this occurs, an OTE (see p. 41) event is registered in the interrupt status and, if
M_OTE =0, INT is asserted. The CS35L32 shuts down, the Class D amplifier enters Speaker Safe Mode, as
described in Section 4.3.4, and the LED drivers shut down.
To exit, the temperature must drop below the overtemperature shutdown threshold and OTE_RLS must be
sequenced as described in Section 7.15. After OTE release, the amplifier and LED drivers recover to preshutdown
settings. The LED drivers must be retriggered with FLEN and/or FLINH inputs for a lighting event to occur.
4.8 Signal Monitoring
Signal-monitoring ADCs, shown in Fig. 4-5, give upstream system processors access to important signals entering and
exiting the device. The three monitoring signals are as follows:
• VPMON: Monitors the voltage on the VP pin, which is most commonly the battery for the system.
• VMON: Monitors the output voltage of the Class D amplifier.
• IMON: Monitors the current that flows into the load being driven by the Class D amplifier.
An integrated ADC digitizes these analog signals, at which point, the audio/data serial port (ADSP) can send them to the
system processor.
Figure 4-5. Signal Monitoring Block Diagram (PDN_xMON = 0)
4.8.1
Power-Up and Power-Down Bits (PDN_xMON)
The three ADCs can be powered down independently via their respective PDN_xMON bit in the control port, see
Section 7.6. To power down an ADC and its associated support circuitry, its PDN_xMON bit must be set; clearing PDN_
xMON powers up the corresponding circuitry.
Note:
For proper operation, MCLK must be at the correct frequency (MCLK_ERR =0; see p. 41) and the device must
be powered (PDN_ALL = 0; see p. 36).
Table 4-3. Die Temperature Monitoring Configuration
Error
Cross-Reference to Register Field Description
Overtemperature error/Overtemperature error mask
Overtemperature warning/Overtemperature warning mask
Overtemperature error release
OTE p. 41/M_OTE p. 40
OTW p. 41/M_OTW p. 40
OTE_RLS p. 40
Signal Monitoring
VSENSE+
Multibit
 ADC
VSENSE–
ISENSE+
ISENSE–
Multibit
 ADC
To Audio/
Data Serial
port
VP (3.0–5.25 V)
Multibit
 ADC
Range Scaling
–30 to +36 dB
6-dB steps
VMON ADC Front End
LP
IMON ADC Front End
LP
IMON_SCALE on p. 38
(PDN_xMON = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com