Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 9Page - Cirrus Logic CS35L32 Datasheet HTML 10Page - Cirrus Logic CS35L32 Datasheet HTML 11Page - Cirrus Logic CS35L32 Datasheet HTML 12Page - Cirrus Logic CS35L32 Datasheet HTML 13Page - Cirrus Logic CS35L32 Datasheet HTML 14Page - Cirrus Logic CS35L32 Datasheet HTML 15Page - Cirrus Logic CS35L32 Datasheet HTML 16Page - Cirrus Logic CS35L32 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
DS963F5
13
CS35L32
3 Characteristics and Specifications
Table 3-12. Switching Specifications: ADSP in I2S Mode
Test conditions, except where noted otherwise: VA = 1.8 V, VP = 3.6 V, VBST = 5.0 V, TA = +25°C, Inputs: Logic 0 = GNDA = GNDP = 0 V, Logic 1 =
VA; CLOAD = 30 pF. Section 9 describes some parameters in detail; input timings are measured at VIL and VIH thresholds; output timings are measured
at VOL and VOH thresholds (see Table 3-8).
Parameters
Symbol 1
1.ADSP timing in I2S Mode
Min
Max
Units
Slave Mode
Input sample rate (LRCK) 2
2.Clock rates should be stable when the CS35L32 is powered up.
Fs
49
kHz
LRCK duty cycle
45
55
%
SCLK frequency
1/tPs
64•Fs
Hz
SCLK duty cycle
45
55
%
LRCK setup time before SCLK rising edge
tSS(LK–SK)
40
ns
LRCK hold time after SCLK rising edge
tHS(SK–LK)
20
ns
SDOUT time from SCLK to data valid start 3
3.Minimum data valid window, as shown in signal diagram, is (SCLKperiod – 300 + 155) ns. For SCLK = 64*Fs =64*48 = 3072 kHz, this is 180 ns.
tDataValidStrt
300
ns
SDOUT time from SCLK to data valid end 3
tDataValidEnd
155
ns
Master Mode
OUTPUT sample rate (LRCK) 4
4.In Master Mode, the output sample rate follows MCLK rate divided down per Table 4-14 and Section 7.7. Any deviation in internal MCLK from the
nominal supported rates is directly imparted to the output sample rate by the same factor (e.g., +100-ppm offset in the frequency of MCLK becomes
a +100-ppm offset in LRCK).
Fs
[4]
kHz
LRCK duty cycle
45
55
%
SCLK frequency
1/tPM
64•Fs
Hz
SCLK duty cycle
RATIO = 0
RATIO = 1 [5]
5.If RATIO = 1, the MCLK(INT)-to-LRCK ratio is 125. The device periodically extends SCLK high time to compensate for a fractional MCLK/SCLK ratio
45
33
55
67
%
%
LRCK setup time before SCLK rising edge
tSM(LK–SK)
35
ns
LRCK hold time after SCLK rising edge
tHM(SK–LK)
20
ns
SDOUT time from SCLK to data valid start 3
tDataValidStrt
300
ns
SDOUT time from SCLK to data valid end 3
tDataValidEnd
155
ns
//
LRCK
SCLK
SDOUT
TP
Note:
 = “S” or “M”
tS(LK-SK)
tH(SK-LK)
tDataValidStrt
tDataValidEnd
DataValidWind



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com