Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 5Page - Cirrus Logic CS35L32 Datasheet HTML 6Page - Cirrus Logic CS35L32 Datasheet HTML 7Page - Cirrus Logic CS35L32 Datasheet HTML 8Page - Cirrus Logic CS35L32 Datasheet HTML 9Page - Cirrus Logic CS35L32 Datasheet HTML 10Page - Cirrus Logic CS35L32 Datasheet HTML 11Page - Cirrus Logic CS35L32 Datasheet HTML 12Page - Cirrus Logic CS35L32 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
DS963F5
9
CS35L32
3 Characteristics and Specifications
Table 3-4. Boost Converter Characteristics
Test conditions, except where noted otherwise: VA = 1.8 V, VP = 3.6 V, VBST = 5.0 V, amp gain = 12 dB, GNDA = GNDP = 0 V, TA = +25°C
, MCLKINT
= 6 MHz. MCLKINT is explained in Section 4.13.1 and Section 7.7.
Parameters
Symbol
Test Conditions
Min
Typical
Max
Units
Boost output voltage
VBST
Boosting
Bypass
VP*1.15
—
—
VP
5.4
—
V
V
Boost output voltage tolerance
VBST
No load: ILOAD =0 mA
–5
—
+5
%
Load regulation
V(Load) 3.0 V < VP < 4.2 V; ILOAD= 0.25A to1.5 A
—
60
—
mV/A
Line regulation
V(Line)
3.0 V<VP<4.2 V; ILOAD = 0 A, 500 mA
—
40
—
mV/V
Boost FET peak-current limit
(See Section 7.10.)
IMAX(B)
BST_IPK = 0000 0000
BST_IPK = 0010 0000
BST_IPK = 0100 0000
BST_IPK = 0110 0000
BST_IPK = 1000 0000
—
—
—
—
—
2.89
3.30
3.72
4.14
4.56
—
—
—
—
—
A
A
A
A
A
Output switching frequency 1
1.MCLKDIV2 (see p. 37) should be configured so MCLKINT is 6 or 6.1440 MHz (see Table 4-14) for boost-converter operation at 2 or 2.05 MHz.
fSW(B)
——
MCLKINT/3
—
MHz
Boost FET ON resistance
RDS(ON)B
IOUT(B) = 1 A
—
80
—
m
Boost FET ON resistance temp coefficient
—
IOUT(B) = 1 A
—
0.2
—
%/oC
Rectifying FET ON resistance
RDS(ON)R
IOUT(B) = 1 A
—
150
—
m
Rectifying FET ON resistance temp coefficient
IOUT(B) = 1 A
—
0.2
—
%/oC
Overvoltage detection threshold
VOVTH
Boost enabled
—
5.5
5.7
V
Threshold Class G On, IN+ to IN–
VIN1THON
VBST = VP = 3.6 V
—
0.60
—
V
Threshold Class G Off, IN+ to IN–
VIN1THOF
VP = 3.6 V, VBST = 5 V
—
0.33
—
V
Minimum Class G boost ON hold-off time
—
VP = 3.6 V, VBST = 5 V
—
8002
2.Minimum Class G boost ON hold-off time is determined from when the low audio detection is latched until when the boost is turned off. The latching
mechanism occurs in 800-ms intervals. If the audio level is detected as low between two sequential latches, the hold-off time is extended by the
difference between when the detection occurs and the subsequent latch pulse. This may extend the hold-off time up to 1.6 s in extreme cases.
—ms
Operating efficiency 3
3.Efficiency specified here assumes the boost converter drives an external resistive load via the VBST pin, instead of the onboard Class D amplifier.
B
VBST = 5 V, IOUT(B) = 500 mA
VBST = 5 V, IOUT(B) =1.5 A
—
—
90
85
—
—
%
%
Table 3-5. LED Drive Characteristics
Test conditions, except where noted otherwise: VA = 1.8 V, VP = 3.6 V, VBST = 5.0 V, GNDA = GNDP = GNDPLED = 0 V, TA = +25°C
.
Parameters
Min
Typical
Max
Units
Flash Mode current settings, per LED 1
(Step size = 50 mA)
1.Flash or Movie Mode current is delivered from the boost converter’s output, which provides a voltage higher than the LED voltage. Depending on the
LED voltage requirement and on VP supply voltage, the boost converter is internally controlled to boost or be in bypass (rectifying FET fully on).
LED_FLCUR = 1111
…
LED_FLCUR = 0001
—
…
—
750
…
50
—
…
—
mA
…
mA
Flash Inhibit Mode current settings, per LED 1
(Step size = 50 mA)
LED_FLINHCUR = 0111
…
LED_FLINHCUR = 0001
—
…
—
350
…
50
—
…
—
mA
…
mA
Movie Mode current settings, per LED 1
LED_MVCUR = 111
LED_MVCUR = 110
LED_MVCUR = 101
LED_MVCUR = 100
LED_MVCUR = 011
LED_MVCUR = 010
LED_MVCUR = 001
—
—
—
—
—
—
—
150
120
100
80
60
40
20
—
—
—
—
—
—
—
mA
mA
mA
mA
mA
mA
mA
LED current accuracy
–10
—
+10
%
LED current matching
—10—
%
Flash timer (tflash)
MCLKINT = 6 MHz 2; TIMER = 1 0010–1 1111
TIMER = 0 0001
TIMER = 0 0000
MCLKINT = 6.144 MHz; TIMER = 1 0010–1 1111
TIMER = 0 0001
TIMER = 0 0000
2.The flash time setting is generated from MCLKINT. MCLKDIV2 (see p. 37) should be configured so MCLKINT is 6 or 6.1440 MHz. See Table 4-14.
—
—
—
—
—
—
500
75
50
488.3
73.2
48.8
—
—
—
—
—
—
ms
ms
ms
ms
ms
ms
LED flash timer accuracy
0—
+1
ms
LED flash inhibit time (FLINH high to LED current 3% settling)
—
40
—
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com