Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 20Page - Cirrus Logic CS35L32 Datasheet HTML 21Page - Cirrus Logic CS35L32 Datasheet HTML 22Page - Cirrus Logic CS35L32 Datasheet HTML 23Page - Cirrus Logic CS35L32 Datasheet HTML 24Page - Cirrus Logic CS35L32 Datasheet HTML 25Page - Cirrus Logic CS35L32 Datasheet HTML 26Page - Cirrus Logic CS35L32 Datasheet HTML 27Page - Cirrus Logic CS35L32 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
24
DS963F5
CS35L32
4.11 Audio/Data Serial Port (ADSP)
4.10.3 Audio and LED Operation
When audio and LEDs are operating simultaneously, the user can select one of the following courses of action:
• By clearing AUDIOGAIN_MNG, if the CS35L32 enters load management mode due to the conditions listed in
Section 4.10, audio gain is reduced once by 3 dB (no reduction for 9-dB gain). If the condition persists, the CS35L32
examines ILED_MNG and responds according to Section 4.10.2. Audio automatically recovers to the original
volume after an LED event.
• By setting AUDIOGAIN_MNG, the user maintains full control over audio gain.
As a default, the boost converter’s output voltage is fixed in Bypass Mode (VBST = VP). The user can set VBOOST_MNG
to any of the nondefault modes for a different boost behavior. In particular, if VBOOST_MNG = 01 in the presence of LED
and audio load power, the CS35L32 adapts for low-power dissipation by automatically reducing the LED driver voltage at
pins FLOUT1 and FLOUT2 and by reducing the boost converter’s output voltage. If VBOOST_MNG = 00 in the presence
of LED and audio-load power, the boost converter’s output voltage is determined by the higher of the two supply
requirements for LED or audio Class G. In such a case, the CS35L32 cannot adapt for low power dissipation if audio
Class G requires a 5-V supply, because of the higher audio signal. Refer to Section 4.3.2.
4.11 Audio/Data Serial Port (ADSP)
The ADSP transmits audio and data to and from the systems processor in traditional I²S Mode. Controls are provided to
advise the device of the rate of the clocks being applied to its inputs when in Slave Mode. Likewise, the same controls are
used to indicate the clock rates to be generated when operating as a clock master.
The serial port I/O interface consists of three signals, described in detail in Table 1-1:
• SCLK: Serial data shift clock
• LRCK: Provides the left/right clock, which identifies the start of each serialized data word and toggles at sample rate
• SDOUT: Serial data output
Figure 4-9. Audio/Data Serial Port (ADSP)
Table 4-5 provides links to register fields used to configure components shown in Fig. 4-9.
.
4.11.1 Power Up, Power Down, and Tristate
The serial port has separate power-down and tristate controls for its output data path (SDOUT_3ST, see p. 37). ADSP
master/slave operation is governed only by the M/S setting (see p. 39), irrespective of the SDOUT_3ST setting. Table 4-6
describes ADSP operational mode and pin-output driver-state configuration.
Table 4-5. ADSP Configuration
Register Field
Cross-Reference to Description
PDN_AMP
SDOUT_3ST
MCLKDIS, MCLKDIV2, RATIO
M/S
M_ADSPCLK_ERR
ADSPCLK_ERR
Section 7.5
Section 7.6
Section 7.7
Section 7.13
Section 7.16
Section 7.19
Level Shifters
Audio Data Serial Port
From Signal
Monitoring Blocks
R
Onchip Channel
Select
LRCK
SCLK
Onchip Serial Port
Rate Control
L
LRCK
SCLK
SDOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com