Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 41Page - Cirrus Logic CS35L32 Datasheet HTML 42Page - Cirrus Logic CS35L32 Datasheet HTML 43Page - Cirrus Logic CS35L32 Datasheet HTML 44Page - Cirrus Logic CS35L32 Datasheet HTML 45Page - Cirrus Logic CS35L32 Datasheet HTML 46Page - Cirrus Logic CS35L32 Datasheet HTML 47Page - Cirrus Logic CS35L32 Datasheet HTML 48Page - Cirrus Logic CS35L32 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
DS963F5
45
CS35L32
8 Typical Performance Plots
8 Typical Performance Plots
8.1 System-Level Efficiency and Power-Consumption Plots
For all system-level efficiency and power-consumption plots, a simulated speaker load (8
+ 33 H) is used; the amplifier
PWM outputs (OUT±) contain no EMI filtering. Efficiency calculations are based on RMS power delivered to the load at
the generated frequency and include power consumption of both VA and VP.
Figure 8-1. Efficiency vs. Output Power—VBST = VP
(VP = 3.0 V, VP = 3.6 V, VP = 4.2 V)
Figure 8-2. VP Supply Current vs. Output Power—VBST = VP
(VP = 3.0 V, VP = 3.6 V, VP = 4.2 V)
Figure 8-3. Efficiency vs. Output Power—VBST = 5.0 V
(VP = 3.0 V, VP = 3.6 V, VP = 4.2 V)
Figure 8-4. VP Supply Current vs. Output Power—VBST = 5.0 V
(VP = 3.0 V, VP = 3.6 V, VP = 4.2 V)
VBST = VP, VP = 3.0 V
VBST = VP, VP = 3.6 V
VBST = VP, VP = 4.2 V
0
200
400
600
800
1000
1200
0
10
20
30
40
50
60
70
80
90
100
Output Power (mW)
VBST = VP, VP = 3.0 V
VBST = VP, VP = 3.6 V
VBST = VP, VP = 4.2 V
0
200
400
600
800
1000
1200
0
50
100
150
200
250
300
350
Output Power (mW)
VBST = 5 V, VP = 3.0 V
VBST = 5 V, VP = 3.6 V
VBST = 5 V, VP = 4.2 V
0
200
400
600
800 1000 1200 1400 1600 1800 2000
0
10
20
30
40
50
60
70
80
90
100
Output Power (mW)
VBST = 5 V, VP = 3.0 V
VBST = 5 V, VP = 3.6 V
VBST = 5 V, VP = 4.2 V
0
200
400
600
800 1000 1200 1400 1600 1800 2000
0
100
200
300
400
500
600
700
800
900
Output Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com