Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 21Page - Cirrus Logic CS35L32 Datasheet HTML 22Page - Cirrus Logic CS35L32 Datasheet HTML 23Page - Cirrus Logic CS35L32 Datasheet HTML 24Page - Cirrus Logic CS35L32 Datasheet HTML 25Page - Cirrus Logic CS35L32 Datasheet HTML 26Page - Cirrus Logic CS35L32 Datasheet HTML 27Page - Cirrus Logic CS35L32 Datasheet HTML 28Page - Cirrus Logic CS35L32 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
DS963F5
25
CS35L32
4.11 Audio/Data Serial Port (ADSP)
4.11.1.1 Tristating the ADSP SDOUT Path (SDOUT_3ST)
If the SDOUT functionality of the ADSP is not required, power losses caused by the charging and discharging of parasitic
capacitances on this pin can be eliminated by setting SDOUT_3ST, so that the SDOUT line is tristated. When reactivating
SDOUT, the associated circuits come alive and a full LRCK cycle elapses before SDOUT data is valid.
4.11.2 Master and Slave Timing
The serial port operates as either the master of timing or the slave to another device’s timing. When the serial port is
master, SCLK and LRCK are outputs; when it is a slave, they are inputs. Master/Slave Mode is configured by the M/S bit.
In I²S Master Mode, the SCLK and LRCK clock outputs are derived from MCLKINT. SCLK is generated to have
approximately 64 cycles per LRCK cycle.
In Slave Mode, because there is no sample-rate conversion from the serial port to the device core, the serial port audio
sample rate (fLRCK) must equal the core sample rate (Fs). To ensure that the CS35L32 maintains synchronization with the
serial port sample rate, the RATIO divider (see p. 37) is programmed to indicate the sample rate to MCLKINT relationship.
Table 4-7 shows the corresponding RATIO (fMCLK(INT)⁄fLRCK) for each MCLKINT at the supported LRCK rate. In Master
Mode, in a dual-CS35L32 configuration (see Section 4.12.3) with MCLKINT = 6 MHz, a ratio of 125 is not supported.
ADSPCLK_ERR (see p. 41) indicates when the ADSP attempts to resynchronize due to the absence of an LRCK edge at
the expected time due to excessive jitter, misprogramming, or clock absence. Note that, given that the clock-checking
circuit checks for LRCK edges appearing in the expected location relative to internal timing, if the LRCK frequency is an
integer multiple of the expected rate (e.g., the LRCK rate is 96 kHz [2 x 48 kHz] vs. the expected 48 kHz), ADSPCLK_ERR
does not detect this error condition. Also note that, since the clock-checking circuit monitors edges, if LRCK is removed
and no further clock edges are produced, ADSPCLK_ERR triggers only once while the LRCK is removed.
Table 4-7 lists supported serial-port audio sample rates, their relationship to the MCLKINT rate, and the programming
required to generate a given LRCK rate in Master Mode and ensure the serial port maintains synchronization in Slave
Mode.
If all amplifier functionality is not being used, but CS35L32 clock mastering is desired, set up the clocks using the clocking
control register controls, then set SDOUT_3ST. In this scenario, since the amplifier is inaccessible, it should be powered
down to save power (PDN_AMP = 1).
4.11.3 ADSP in I2S Mode
The ADSP operates in traditional I²S format, with a minor modification. On the transmit side, the data structure is modified
to transmit nonconventional data (e.g., the monitored signals) in a compatible format. Receive Mode is not supported.
4.11.3.1 Data Bit Depths
The data word length of the I²S interface format is ambiguous. Fortunately, the I²S format is also left justified, with a MSB-
to-LSB bit ordering, which negates the need for a word-length control register. The following text describes how different
bit depths are handled with the I²S format.
Table 4-6. ADSP Operational Mode and Pin Configurations
M/S SDOUT_3ST ADSP Operational Mode SDOUT Pin Driver LRCK Pin Driver SCLK Pin Driver
00
I2S Slave Mode
Output
Input
Input
01
I2S Slave Mode
Hi-Z
Input
Input
10
I2S Master Mode
Output
Output
Output
11
I2S Master Mode
Hi-Z
Output
Output
Table 4-7. ADSP Rates
MCLKINT Rate
(MHz)
LRCK Rate
(kHz)
fMCLK(INT)/fLRCK
(Rate Ratio)
RATIO
6.0000
48.000
125
1
6.1440
48.000
128
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com